Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SHO2V07 Datasheet(PDF) 2 Page - Schneider Electric

Part # 8536SHO2V07
Description  NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, TeSys T, 600 VAC coil, open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SHO2V07 Datasheet(HTML) 2 Page - Schneider Electric

  8536SHO2V07 Datasheet HTML 1Page - Schneider Electric 8536SHO2V07 Datasheet HTML 2Page - Schneider Electric 8536SHO2V07 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Category
21195 - 8502,36 SH,SJ(NOT S*R,T,W)
Discount Schedule
CP1
Gtin
785901852537
Returnability
No
Country Of Origin
MX
Packing Units
Unit Type Of Package 1
PCE
Number Of Units In Package 1
1
Package 1 Height
28.07 in (71.3 cm)
Package 1 Width
12.32 in (31.3 cm)
Package 1 Length
9.02 in (22.9 cm)
Package 1 Weight
82.00 lb(US) (37.195 kg)
Contractual warranty
Warranty
18 months
2
Feb 27, 2024



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com