Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG178/U Datasheet(PDF) 36 Page - ITT Industries

Part # RG178/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG178/U Datasheet(HTML) 36 Page - ITT Industries

Back Button RG178/U Datasheet HTML 31Page - ITT Industries RG178/U Datasheet HTML 32Page - ITT Industries RG178/U Datasheet HTML 33Page - ITT Industries RG178/U Datasheet HTML 34Page - ITT Industries RG178/U Datasheet HTML 35Page - ITT Industries RG178/U Datasheet HTML 36Page - ITT Industries RG178/U Datasheet HTML 37Page - ITT Industries RG178/U Datasheet HTML 38Page - ITT Industries RG178/U Datasheet HTML 39Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
140
RF Coaxial Connectors
Tooling
Torque Wrenches
This is not the entire range of Torque Wrenches.
Contact Sales Department for details of other
styles.
Jaw Size
Torque Nm (In. ozs.)
Part Number (USA)
Part Number (UK)
5,54 (.218)
0,42 - 0,49 (60 - 70)
050-000-0854080
T0854/8/A
5,54 (.218)
0,64 - 0,71 (90 - 100)
050-000-2854080
T0854/8/C
5,94 (.234)
0,42 - 0,49 (60 - 70)
050-000-0854090
T0854/9/A
5,94 (.234)
0,64 - 0,71 (90 - 100)
050-000-2854090
T0854/9/C
6,35 (.250)
0,56 - 0,64 (80 - 90)
050-000-1854100
T0854/10/K
7,92 (.312)
0,99 - 1,06 (140 - 150)
050-000-4854120
T0854/M8/E
Crimp Tools and Die Sets
This is not the entire range of Crimp Tools. Contact
Sales Department for details of other styles.
A/F Dimension
* 3 way die set
2,67 (.105)
3,25 (.128)
4,52 (.178)
** 2 way die set
3,25 (.128)
5,41 (.213)
Description
Part Number (USA)
Part Number (UK)
Crimp Tool without Die Set
050-000-0000000
T1025/-
Die Set for Cables RG178/U, 196/U
050-000-0290000*
K29263 *2,67 (.105)
Die Set for Cables RG174/U, 316/U
050-000-0290000*
K29263 * 3,25 (.128)
Die Set for Cable RG142/U
050-000-0291000**
K29265 5,41 (.213)
Die Set for Cable RD316
050-000-0292000
T1025/9 3,84 (.151)
Die Set for Cables 2001, 3002, TZC75024
T1025/5 4,52 (.178)
Die Set for Cable 2002
T1025/6 5,18 (.204)
Die Set for Cable 2003
T1025/8 6,81 (.268)
SMA Tools
Description
Part Number
Universal Assembly Jig
T1848
Insulator Insertion Tool (Plugs)
T2508
Insulator Insertion Tool (Jacks)
T2509
Circlip Pliers
T0557/1
Center Conductor Pointing Tool for 3,58 (.141) Semi-Rigid Cable
T2297
Solderless Connector Compression Tool
050-000-0130000
SMZ Tools
Description
Part Number
Center Contact Crimp Tool for SMZ Connectors
T4519
Assembly Jig for Straight SMZ
T2887/A
Assembly Jig for Right Angle SMZ Connectors
T2921
Stripping Tool for 2001, 2002 & 2003 Cables
T4555
Stripping Tool for 3002 Cable
T4809
HDC Combination Extractor Tool
T4825
Extractor Tool 65A
T4653
QTTM-BNC Assembly/Crimp Tools
For Cable Number
Part Number
Beldon 1694A
050-000-0030010
735A (AT&T)
050-000-0030020
734 and M17/29-RG59/U
050-000-0030040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com