Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1174CU Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF1174CU
Description  4-digit static LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1174CU Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF1174CU Datasheet HTML 1Page - NXP Semiconductors PCF1174CU Datasheet HTML 2Page - NXP Semiconductors PCF1174CU Datasheet HTML 3Page - NXP Semiconductors PCF1174CU Datasheet HTML 4Page - NXP Semiconductors PCF1174CU Datasheet HTML 5Page - NXP Semiconductors PCF1174CU Datasheet HTML 6Page - NXP Semiconductors PCF1174CU Datasheet HTML 7Page - NXP Semiconductors PCF1174CU Datasheet HTML 8Page - NXP Semiconductors PCF1174CU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Apr 16
5
Philips Semiconductors
Product specification
4-digit static LCD car clock
PCF1174C
LCD voltage (see Fig.5)
The adjustable voltage regulator controls the supply
voltage (see Section “LCD voltage programming”) in
relation to temperature for good contrast, for example
when VDD = 4.5 V at +25 °C, then:
VDD = 3 to 4 V at +85 °C.
VDD = 5 to 6 V at −40 °C.
Fig.5 Regulated voltage as a function of temperature (typical).
(1) Programmed to 4.0 V at 25
°C (value within the specified operating range).
(2) Programmed to 4.5 V at 25
°C (value within the specified operating range).
(3) Programmed to 5.0 V at 25
°C (value within the specified operating range).
40
0
40
120
−8
−6
−2
0
−4
MSA995
80
T ( C)
o
V SS
(V)
(2)
(1)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com