Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1178C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF1178C
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1178C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF1178C Datasheet HTML 9Page - NXP Semiconductors PCF1178C Datasheet HTML 10Page - NXP Semiconductors PCF1178C Datasheet HTML 11Page - NXP Semiconductors PCF1178C Datasheet HTML 12Page - NXP Semiconductors PCF1178C Datasheet HTML 13Page - NXP Semiconductors PCF1178C Datasheet HTML 14Page - NXP Semiconductors PCF1178C Datasheet HTML 15Page - NXP Semiconductors PCF1178C Datasheet HTML 16Page - NXP Semiconductors PCF1178C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Apr 16
13
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1178C
APPLICATION INFORMATION
Fig.8 Typical application diagram.
(1) To be placed close to the IC.
MSB227
OSC IN
OSC OUT
26
25
OSCILLATOR
AM/PM
COUNTER
HOURS
COUNTER
MINUTES
COUNTER
SECONDS
COUNTER
ADJUSTABLE
DIVIDER
EEPROM
CONTROL
LOGIC
VOLTAGE
REGULATOR
22
VPP
18
FLASH
21
TS
20
ENABLE
S1
S2
28
DATA
SEL
17
27
16
23
24
VSS
MODE
DECODER
DECODER
BP1
1
3
15
segment drivers
to LCD
PCF1178C
12 V
6.8 k
Ω
I DD
(1)
100 nF
VDD
C ext
47
µF
BP2
2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com