Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN7664 Datasheet(PDF) 2 Page - Grandstream Networks, Inc.

Part # GWN7664
Description  802.11ax 4x4:4 Wi-Fi 6 Access Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRANDSTREAM [Grandstream Networks, Inc.]
Direct Link  https://www.grandstream.com/
Logo GRANDSTREAM - Grandstream Networks, Inc.

GWN7664 Datasheet(HTML) 2 Page - Grandstream Networks, Inc.

  GWN7664 Datasheet HTML 1Page - Grandstream Networks, Inc. GWN7664 Datasheet HTML 2Page - Grandstream Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.grandstream.com
Wi-Fi Standards IEEE 802.11 a/b/g/n/ac/ax
Antennas
8 individual internal antennas, 4 per band
2.4GHz, gain 3dBi
5 GHz, gain 4dBi
Wi-Fi Data Rates
5G:
IEEE 802.11ax: 8 Mbps to 2402 Mbps
IEEE 802.11ac: 6.5 Mbps to 1733 Mbps
IEEE 802.11n: 6.5Mbps to 600Mbps
IEEE 802.11a: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
2.4G:
IEEE 802.11ax: 8 Mbps to 1147 Mbps
IEEE 802.11n: 6.5Mbps to 600Mbps
IEEE 802.11b: 1, 2, 5.5, 11 Mbps
IEEE 802.11g: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
*Actual throughput may vary depending on many factors including environmental conditions, distance between devices, radio interfe-
rence in the operating environment and mix of devices in the network
Frequency Bands
2.4GHz Radio: 2412 - 2484 MHz
5GHz Radio: 5180 - 5825 MHz
*Not all frequency bands can be used in all regions
Channel Bandwidth 2.4G: 20 and 40 MHz (x4)
5G: 20, 40 and 80 MHz (x4)
Wi-Fi and System Security WEP, WPA/WPA2-PSK, WPA/WPA2 Enterprise (TKIP/AES); WPA3, anti-hacking secure boot and critical data/
control lockdown via digital signatures, unique security certificate and random default password per device
MIMO 4×4:4 2.4GHz
4×4:4 5GHz
Coverage Range Up to 175 meters
*coverage range can vary based on environment
Maximum TX Power
5G: 25dBm
2.4G: 26dBm
*Maximum power varies by country, frequency band and MCS rate
Receiver Sensitivity
2.4G
802.11b: -99dBm@1Mbps, -91dBm@11Mbps;
802.11g: -94dBm @6Mbps, -78dBm@54Mbps;
802.11n 20MHz: -75dBm @MCS7; 802.11n 40MHz:-71dBm @MCS7;
802.11ax 20MHz: -64dBm @ MCS11; 802.11ax 40MHz: -63dBm @MCS11
5G
802.11a: -95dBm @6Mbps, -77dBm @54Mbps;
802.11n 20MHz: -74dBm @MCS7; 802.11n 40MHz:-71dBm @MCS7
802.11ac 20MHz: -70dBm@MCS8; 802.11ac: HT40:- 66dBm @MCS9; 802.11ac 80MHz: -62dBm @MCS9;
802.11ax 20MHz: -64dBm @ MCS11; 802.11ax 40MHz: -62dBm @MCS11;802.11ax 80MHz: -59dBm @MCS11
SSIDs 32 SSIDs total, 16 per radio (2.4GHz & 5GHz)
Concurrent Clients 750+
Network Interfaces 1x 1G Port and 1x 2.5G Port, support 3.5Gbps aggregate wire throughput
Auxiliary Ports 1x Reset Pinhole, 1x Kensington lock
Mounting Indoor wall mount or ceiling mount, kits included
LEDs 1 tri-color LEDs for device tracking and status indication
Network Protocols IPv4, IPv6, 802.1Q, 802.1p, 802.1x, 802.11e/WMM
QoS 802.11e/WMM, VLAN, TOS
Network Management
Embedded controller can manage up to 50 local GWN APs
GWN.Cloud offers a free cloud management platform for unlimited GWN APs
GWN Manager offers premise-based software controller for up to 3,000 GWN APs
Power and Green Energy Efficiency PoE 802.3af/ 802.3at;
Maximum Power Consumption: 17W
Environmental
Operation: 0°Cto 50°C
Storage: -10°C to 60°C
Humidity: 10% to 90% Non-condensing
Physical Unit Dimension: 205.3mm(L)x205.3mm(W)x45.9mm(H); Unit Weight: 0.714Kg
Entire Package Dimension: 258x247x86mm; Entire Package Weight: 1.06Kg
Package Content GWN7664 802.11ax Wireless AP, Mounting Kits, Quick Start Guide
Compliance FCC, CE, RCM, IC
06.2023.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com