Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2F Datasheet(PDF) 1 Page - DONGABESTECH.

Part # A2F
Description  A2F CABLE GLAND
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DONGABESTECH [DONGABESTECH.]
Direct Link  http://dongabestech.com/
Logo DONGABESTECH - DONGABESTECH.

A2F Datasheet(HTML) 1 Page - DONGABESTECH.

  A2F Datasheet HTML 1Page - DONGABESTECH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.dongabestech.com
A22
A2F CABLE GLAND
•Type of Cable Gland : A2F
•Cable Type : Unarmoured.
•Sealing Area : Cable Outer Sheath - Single Compression.
•Indoor and Outdoor use / Dual certified Ex ‘d’ & Ex ‘e’
•Operating Temperature : -60
℃ to +100℃ as standard.
•Materials : Brass, Brass with nickel plated, Aluminum and Stainless Steel 316
•According to BS,IEC & CENELEC suitable for use in Zone1, Zone2, Zone21 and Zone22,
Gas Groups, IIA, IIB and IIC.
•Ingress Protection : IP66/IP67
•Certificate No : Baseefa08ATEX0011X & IECEx BAS08.0003X
Sira 11ATEX1061X & IECEx SIR 11.0035X
GOST-R No. 0758861
Lock-Nut, Sealing washer, Serrated washer, Earth Tag and PVC Shroud - see page A37
Accessories
A2F-M25 - M25
Entry Thread Size(metric or NPT)
Cable Gland Type & Size
How to order
Cable
Gland
size
Part No
Entry Thread Size(*)
Cable Acceptance Details
(Outer Sheath ‘OD’)
Across
Flats
“A”
Across
Corners
“B”
Metric
(optional)
NPT
Hexagon
Dimensions
Min, Thread
Length “c”
Length
(approx)
Metric
NPT
NPT
Min.
Standard Seal
Standard
Option
Alternative Seal(S)
Max.
Min.
Max.
A2F-M16a
A2F-M16b
A2F-M20a
A2F-M20b
A2F-M20c
A2F-M25
A2F-M25a
A2F-M32a
A2F-M32b
A2F-M40
A2F-M50
A2F-M63a
A2F-M63b
A2F-M75
A2F-M80
A2F-M90
A2F-M100a
A2F-M100b
A2F-M115a
A2F-M115b
A2F-M130a
A2F-M130b
S-16a
S-16b
S-20a
S-20b
S-20c
S-25
S-25a
S-32a
S-32b
S-40
S-50
S-63a
S-63b
S-75
S-80
S-90
S-100a
S-100b
S-115a
S-115b
S-130a
S-130b
M16
M20
1/2”
3/4”
1/2”
3/4”
3/4”
1”
1”
1 1/4”
2”
2 1/2”
1 1/4”
1 1/2”
1 1/2”
2”
M20
M25
M32
M40
M50
M63
M100
M115
M130
M75
M80
M90
22
24
27
32
39
48
58
73
85
100
105
122
122
138
138
154
154
24.5
26.8
30
35.5
43.5
53.5
64
81
94
109.5
113.5
135
135
152
152
168
168
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
15(20)
20(25)
20(25)
20(25)
20(25)
20(25)
20(25)
20(25)
20(25)
-
20
20
20
25
25.6
26
27
40
41.5
41.5
44
44
-
-
-
-
-
-
3”
3 1/2”
3 1/2”
-
-
-
-
-
2 1/2”
3”
3”
4”
-
-
-
-
-
3.0
6.1
3.0
6.1
10.1
12.0
16.0
18.1
21.0
26.1
32.1
40.1
47.1
55.1
65.1
70.0
73.5
80.0
86.0
92.0
97.0
104.0
6.0
10.0
6.0
10.0
15.0
18.0
20.5
23.0
26.0
32.0
40.0
47.0
54.0
65.0
71.5
77.6
86.0
92.0
98.0
102.0
110.0
116.0
30
30
32
35
36
39
42
44
47
56
56
-
-
-
-
-
-
-
4.0
-
4.0
8.5
10.0
-
16.0
20.0
22.0
28.0
37.0
43.0
50.0
61.0
67.0
-
-
-
-
-
-
-
8.0
-
8.0
13.0
15.0
-
21.0
24.0
28.0
35.0
44.0
50.0
58.0
67.0
73.0
-
-
-
-
-
-
▶
▶
(*) PF Threads are available KOSHA Ex-proof certificate.
KOSHA
GOST-R
동아내지1수(A~E)-수정2 2015.4.9 11:39 AM 페이지A22
MAC2 Lower-2540-color 2540DPI 175LPI


Similar Part No. - A2F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F-EVAL-KIT MICROSEMI-A2F-EVAL-KIT Datasheet
1Mb / 4P
SmartFusion Evaluation Kit Quickstart Card
A2F060 MICROSEMI-A2F060 Datasheet
11Mb / 192P
SmartFusion Customizable System-on-Chip (cSoC)
A2F060 MICROSEMI-A2F060 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
A2F060 MICROSEMI-A2F060 Datasheet
10Mb / 197P
SmartFusion Customizable System-on-Chip (cSoC)
A2F060M3A-1CS208 MICROSEMI-A2F060M3A-1CS208 Datasheet
11Mb / 192P
SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - A2F

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
Cable Gland
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
EPDM Cable gland M63
16.08.2023
3545279 FIBOX-3545279 Datasheet
160Kb / 2P
EPDM Cable gland M16
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com