Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9112/BL Datasheet(PDF) 1 Page - Atom Lighting

Part # AT9112/BL
Description  3W Recessed LED Path Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT9112/BL Datasheet(HTML) 1 Page - Atom Lighting

  AT9112/BL Datasheet HTML 1Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model Numbers
AT9112/BL
AT9112/CW
AT9112/WW
AT9112
3W Recessed LED Path Lights
Specification
Size
Finishes
Wattage:
Lamp Type:
Lumen Output:
Colour Temperature:
IP Rating:
Warranty:
3W
LED
300lm
WW: 3000K / CW:4000K / Blue
IP68
3 Years.
:: Diameter: 88mm
:: 316 Stainless Steel.
:: Length: 61mm
:: Cutout: 65mm
Driver
Must use constant current driver
www.atomlighting.com.au
Email: sales@atomlighting.com.au


Similar Part No. - AT9112/BL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91 ATMEL-AT91 Datasheet
1Mb / 153P
ARM® Thumb® Microcontrollers
08/02
logo
Analog Microelectronics
AT9173 AME-AT9173 Datasheet
462Kb / 17P
Bus Termination Regulator
AT9173AG AME-AT9173AG Datasheet
462Kb / 17P
Bus Termination Regulator
AT9173EG AME-AT9173EG Datasheet
462Kb / 17P
Bus Termination Regulator
logo
ATMEL Corporation
AT91C140 ATMEL-AT91C140 Datasheet
3Mb / 171P
AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT9112/BL

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Elite Enterprises (H.K....
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
3W Power LED
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
3W Power LED
PM2B-3LXE-SD ELITE-PM2B-3LXE-SD Datasheet
1Mb / 21P
3W Power LED
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
3W Power LED
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
3W Power LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com