Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-ABT220L Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-ABT220L
Description  Analytical Balance PCE-ABT 220L-DAkkS incl. DAkkS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-ABT220L Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-ABT220L Datasheet HTML 1Page - PCE Instruments. PCE-ABT220L Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Analytical Balance PCE-ABT 220L-DAkkS incl. DAkkS
Calibration Certificate
Analytical balance with wind shield / for measuring small samples up to 220 g / PC interface /
simple operation / built-in level for alignment / optionally with ISO certification / calibration weight included / ready for immediate
use
With a resolution of 0.1 mg, this analytical balance is ideally suited for checking small samples for their weight. For example, powder can be
weighed with the fine scale. Typical areas of application for the analytical balance are therefore in laboratories or in research facilities. Weighing
the smallest samples is very difficult because even a small gust of wind falsifies the measured value. For this reason, a wind shield is installed
around the weighing surface of the analytical balance. This ensures that even the smallest gusts of wind have no effect on the measurement of
the precision scale.
The analytical balance can be connected directly to a PC via the RS232 interface. With the optionally available software for the analytical
balance, the measurement data can be presented in a table. A graphic representation of the measured values from the analytical balance is also
possible with the software. There is also the option of exporting the measured values recorded by the analytical balance. In this way, the
measured values of the analytical balance can be conveniently incorporated into presentations, sent by email or simply printed out.
If necessary, the analytical balance can be checked with the calibration weight supplied. This ensures that the analytical balance delivers a
perfect measurement result. The analytical balance can also be adjusted by the operator in a very short time using the calibration weight.
With the built-in bubble level, the current positioning of the analytical balance can be determined at an installation location. If the positioning
of the analytical balance is not suitable, this can be readjusted using the height-adjustable feet. This ensures that the analytical balance is
properly aligned with the current installation location.
 
Wind protection for stable weighing
RS232 interface for PC connection
Backlight
Resolution of 0.1 mg
Weighing surface of 80 mm
Weighing range up to 220 g
Level for aligning the analytical balance
Calibration weight included in delivery
incl. DAkkS Calibration Certificate


Similar Part No. - PCE-ABT220L

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-ABT220 PCE-PCE-ABT220 Datasheet
409Kb / 2P
Analytical Balance PCE-ABT 220-DAkkS Incl. DAkkSCalibration Certificate
More results

Similar Description - PCE-ABT220L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Laird Tech Smart Techno...
TC-18-QC-50 LSTD-TC-18-QC-50 Datasheet
371Kb / 2P
Analytical instrumentation
logo
Mini-Circuits
BBFCV-492 MINI-BBFCV-492 Datasheet
398Kb / 2P
Balance Filter
REV. OR
BLFCV-1570 MINI-BLFCV-1570 Datasheet
380Kb / 2P
Balance Filter
REV. OR
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com