Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIALOG/4 Datasheet(PDF) 4 Page - Intel Corporation

Part # DIALOG/4
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DIALOG/4 Datasheet(HTML) 4 Page - Intel Corporation

  DIALOG/4 Datasheet HTML 1Page - Intel Corporation DIALOG/4 Datasheet HTML 2Page - Intel Corporation DIALOG/4 Datasheet HTML 3Page - Intel Corporation DIALOG/4 Datasheet HTML 4Page - Intel Corporation DIALOG/4 Datasheet HTML 5Page - Intel Corporation DIALOG/4 Datasheet HTML 6Page - Intel Corporation DIALOG/4 Datasheet HTML 7Page - Intel Corporation DIALOG/4 Datasheet HTML 8Page - Intel Corporation DIALOG/4 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
The dual-processor combination also performs the follow-
ing outbound dialing and call progress monitoring:
■ transmits an off-hook signal to the telephone network
■ dials out (makes an outbound call)
■ monitors and reports results
— line busy or congested
— operator intercept
— ring, no answer
— or if the call is answered, whether answered by a
person, an answering machine, a facsimile machine,
or a modem
When recording speech, the DSP can use different digi-
tizing rates from 24 Kb/s to 64 Kb/s as selected by the
application for the best speech quality and most efficient
storage. The digitizing rate can be selected on a channel-
by-channel basis and can be changed each time a record
or play function is initiated. Outbound processing is the
reverse of inbound processing. The DSP processed
speech is transmitted by the control microprocessor to
the host PC for disk storage. When replaying a stored file,
the microprocessor receives the voice information from
the host PC and passes it to the DSP which converts the
file into digitized voice. The DSP sends digitized voice to
the CODEC to be converted into analog voice and then
to the line interface for transmission to the telephone net-
work.
The on-board microprocessor controls all operations of
the DIALOG/4 board via a local bus and interprets and
executes commands from the host PC. This
microprocessor
■ handles real-time events
■ manages data flow to the host PC to provide faster
system response time
■ reduces PC host-processing demands
■ processes DTMF and telephony signals before passing
them to the application
■ frees the DSP to perform signal processing
Communications between this microprocessor and the
host PC is via the shared RAM that acts as an input/out-
put buffer, increasing the efficiency of disk file transfers.
This RAM interfaces to the host PC via the XT/AT bus. All
operations are interrupt-driven to meet the demands of
real-time systems. All DIALOG/4 boards installed in the
PC share the same interrupt line. When the system is ini-
tialized, Spring Ware firmware to control all board opera-
tions is downloaded from the host PC to the on-board
code/data RAM and DSP RAM. This downloadable
firmware gives the board all of its intelligence and enables
easy feature enhancement and upgrades.
4
Intel® Dialogic® DIALOG/4 Voice Board
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com