Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LSI4200 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-LSI4200
Description  Benchtop Scale PCE-LSI 4200 incl. verification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LSI4200 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-LSI4200 Datasheet HTML 1Page - PCE Instruments. PCE-LSI4200 Datasheet HTML 2Page - PCE Instruments. PCE-LSI4200 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Benchtop Scale PCE-LSI 4200 incl. verification
High-class benchtop scale with internal verification / Verified
Weighing ranges: max. 4200 g / Resolution: 0.01 g / Verification value: 0.1 g / Graphic display / USB and RS-232 interface.
The high measuring accuracy, the high weighing range, as well as a multitude of functions make the verified benchtop scale a real all-rounder.
With a weighing range of up to 4200 g, the verified benchtop scale achieves a resolution of 0.01 g and a verification value of 0.1 g.
This is achieved with the benchtop scale through an electromagnetic force compensation cell, an internal automatic adjustment system,
through high-quality components, as well as through years of experience in weighing and measurement technology of the developers and
designers.
The mentioned automatic adjustment enables a location-independent, legally compliant use of the benchtop scale in areas subject to legal
verification. When starting the scale and at regular intervals, an internally built-in adjustment weight is used for fine adjustment of the
measuring electronics.
In addition to these metrological advantages, the verified benchtop scale also offers useful functions such as adjustable filters, percent
weighing, tare memory, input of user ID and product ID, MIN-MAX-OK weighing, totalizing function, statistics function, basis weight function,
recipe function, animal weighing function, piece counting, time-date module, GLP printout, as well as a check-weighing function according to
FPVO (prepackaging ordinance). As well as EPL printer language for bidirectional communication with label printers.
The verified benchtop scale has a graphic display with full text display in various national languages, which enables convenient, fast and safe
operation, even of complex functions.
The standard equipment of the verified benchtop scale includes a USB, RS232 and PS2 interface. This means that the measurement data can be
transferred to the PC or printer. With an optional additional device, the data can be saved directly on a USB stick. The verified precision balance
can optionally be provided with an analogue interface 4-20 mA or 0-10V or three switching contacts.
Internal automatic adjustment
Verified according to class M II (precision balance)
Robust die-cast aluminum housing
Spirit level for aligning the balance
USB and RS-232 interfaces as standard
Graphic display with plain text
Selectable menu language DE / ESP / ENG / PL
Adjustable filters


Similar Part No. - PCE-LSI4200

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-LSI620 PCE-PCE-LSI620 Datasheet
163Kb / 3P
Benchtop Scale PCE-LSI 620 incl. verification
More results

Similar Description - PCE-LSI4200

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
BBS1550-2FP00 JDSU-BBS1550-2FP00 Datasheet
251Kb / 4P
Benchtop Broadband Source
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Rosenberger Hochfrequen...
02CK050-150 ROSENBERGER-02CK050-150 Datasheet
664Kb / 3P
Verification Kit
03CK050-150 ROSENBERGER-03CK050-150 Datasheet
147Kb / 3P
RPC-3.50 Verification Kit
05CK050-150 ROSENBERGER-05CK050-150 Datasheet
147Kb / 3P
Verification Kit
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
337Kb / 4P
PVL Parts Verification Array
PVL BANNER-PVL_V01 Datasheet
1Mb / 2P
PVL Parts Verification Array
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com