Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LSI620 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-LSI620
Description  Benchtop Scale PCE-LSI 620 incl. verification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LSI620 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-LSI620 Datasheet HTML 1Page - PCE Instruments. PCE-LSI620 Datasheet HTML 2Page - PCE Instruments. PCE-LSI620 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Weighing range (max):
620 g / 21.8 oz
Readability (d):
0.001 g
Accuracy:
± 0.004 g
Verification value (e):
± 0.01 g
Verification class:
M II (precision balance)
Minimum load (min) in legal
metrology:  
0.02 g
Measuring principle:
force compensation cell
Display:
graphic display with plain text in GB / DE / ES /
PL / FR
Weighing surface:
Ø 115 mm / 4.5"
Interface:
USB B and RS232 Sub D9 socket
Internal automatic adjustment:
start / every 2 hours / ± 2 °C / manual
Operating temperature:
+10 … +40 °C / +50 … +104 °F
Power supply:
230V 50Hz 6VA / = 12V 1A / outdoor - &
indoor +
Recommended calibration weight: F1 500 g (not included)
Dimensions:
235 x 345 x 90 mm / 9.25 x 13.58 x 3.54"
Weight:
ca. 5 kg / 11 lb
More information
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com