Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCS6 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PCS6
Description  Benchtop Scale PCE-PCS 6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCS6 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PCS6 Datasheet HTML 1Page - PCE Instruments. PCE-PCS6 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benchtop Scale PCE-PCS 6
PCE-PCS 6 is a Benchtop scale or balance with accurate weighing and piece or part counting functions. Ideal for use in laboratory, office,
inventory and miscellaneous industrial applications, this portable LAB scale can be powered by battery or by the included electric power
supply. The scale's built-in RS-232 port enables data transfer and printing.
Weight range: 0.1 ... 6000 g / 6 kg (metric only)
Readability: 0.1 g
Repeatability: ± 0.1 g
TARE range: 100 %
Memory positions for reference weight: 99
Functions: TARE, ZERO, auto calibration (requires external weight, not included), backlight on / off, piece counting accumulation and auto
average
Displays gross weight, unit weight and total quantity of pieces (pcs)
Reference weight established by TARE or keyed manually
Programmable (99 memory positions)
Set communication via RS-232 port to automatic output when reading is stable or continuous output
Powered by electric power supply (included) or battery
Low power indicator signals need to recharge battery
Features adjustable feet for leveling


Similar Part No. - PCE-PCS6

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PCS6-ICA PCE-PCE-PCS6-ICA Datasheet
345Kb / 2P
Laboratory Balance PCE-PCS 6-ICA Incl. CalibrationCertificate
More results

Similar Description - PCE-PCS6

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
BBS1550-2FP00 JDSU-BBS1550-2FP00 Datasheet
251Kb / 4P
Benchtop Broadband Source
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
JFW Industries, Inc.
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com