Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SCS150 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SCS150
Description  Benchtop Scale PCE-SCS 150
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SCS150 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SCS150 Datasheet HTML 1Page - PCE Instruments. PCE-SCS150 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weighing range
150 kg / 330 lb
Readability
10 g / 0.35 oz
Taring range
over the full range
Settling time
adjustable
Weighing units
kg / lb
Display
20 mm  / 0.78"LCD backlit
Platform size
400 x 500 mm / 15.7 x 19.7" (stainless steel)
Calibration
by external adjustment weight (optional)
Operating temperature  -10 °C ... 40 °C / 14 °F ... 104 °F
Interface
RS232
Memory
18 values
Power supply
100-240V 50 / 60Hz - 12V adapter
 
Rechargeable battery: 6V4Ah
Battery life
130 hours
Input signal
analog 10.6 mV / V - 3 mV / V
Linearity
≤ 0.01% F.S.
Dimensions
680 x 660 x 150 mm / 26.7 x 26.0 x 5.9"
Weight
8 kg / 17.6 lb
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com