Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SCS60 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SCS60
Description  Benchtop Scale PCE-SCS 60
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SCS60 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SCS60 Datasheet HTML 1Page - PCE Instruments. PCE-SCS60 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benchtop Scale PCE-SCS 60
Low-cost benchtop scale up to 60 kg, Readability 5 g, Mains and battery operation,
Large 20 mm LC display, Removable stainless steel platform, Zero and tare function
The benchtop scale has a 300 x 400 mm stainless steel platform that can be removed for cleaning. Flexible use of the mobile platform scale is
made possible not only by the light weight and compact dimensions, but also by the independent power supply, which is possible with the
6V4Ah rechargeable battery.
If the 4 load cells of the benchtop scale with a weighing capacity of 60 kg and a resolution of only 5 g require an adjustment, this can be done
quickly and easily using external weights (optional) in the calibration function of the platform scale. Thanks to the key operation, the fast
response time of the platform scale and the easy-to-read 20 mm LCD display, this platform scale is ideally suited for mobile and fast weighing
applications.
Platform size 300 x 400 mm / 11.8 x 15.7"
Shockproof plastic housing
20 mm LCD display
Battery operation
Automatic energy saving mode
Tare function
Weighing units kg and lb.
Flat and light construction


Similar Part No. - PCE-SCS60

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SCS150 PCE-PCE-SCS150 Datasheet
290Kb / 2P
Benchtop Scale PCE-SCS 150
PCE-SCS30 PCE-PCE-SCS30 Datasheet
252Kb / 2P
Benchtop Scale PCE-SCS 30
More results

Similar Description - PCE-SCS60

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE239 NTE-NTE239 Datasheet
23Kb / 2P
Silicon Controlled Switch (SCS)
logo
JDS Uniphase Corporatio...
BBS1550-2FP00 JDSU-BBS1550-2FP00 Datasheet
251Kb / 4P
Benchtop Broadband Source
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
SCS CALIBRATION STANDARDS
logo
TEKTRONIX, INC.
4200A-SCS TEKTRONIX-4200A-SCS Datasheet
3Mb / 45P
4200A-SCS Parameter Analyzer
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com