Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162673 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 162673
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

162673 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 162673 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 162673 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Type SE35 + S077
17 | 20
Visit product website 
7.3. Function modes
Flowmeter with standard output signal
• 4…20 mA output + Pulse
• 4…20 mA output + Pulse + relay output
Hysteresis switching mode (both relays) for the output, inverted or not
OLO
OHI
OLO
OHI
Contact
inverted
not inverted
Contact
Hysteresis mode
Batch controller
The following dosing modes are possible:
• Locally started dosing of
– free quantity: the user enters the quantity to be filled and starts the dosing from the keypad.
– pre‑set quantity: the user selects a quantity which has been pre-set and starts the dosing from the keypad.
• Dosing controlled by a PLC unit: the user selects a quantity which has been pre-set and starts the dosing using binary inputs.
• Locally/remote selection of pre‑set quantity and dosing controlled by a PLC unit: the user selects a quantity which has been pre-set
from the keypad or using binary inputs and starts the dosing using binary inputs.
• Automatic dosing controlled by variation of pulse duration: the volume to be dosed is directly proportional to the duration of a pulse.
• Locally/remote dosing determined by teach-in:
– teach-in of the dosing quantity from the keypads
– teach-in of the dosing quantity using binary inputs.
8.
Product design and assembly
8.1. Product assembly
Note:
• The device Type SE35 + S077 is made up of a Bürkert Inline sensor-fitting Type S077 equipped with a sensor with oval gears and a
transmitter Type SE35.
• The Inline sensor-fitting Type S077 ensures simple installation into pipes from DN 15…DN 100. The transmitter Type SE35 can be
mounted on any Inline sensor-fitting Type S077 and fastened with a bayonet catch, see data sheet Type S077  for more information.
Inline
sensor-fitting
Type S077
Transmitter
Type SE35
Inline measurement device
Type SE35 + S077
for flow measurement
or batch control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com