Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-WS30 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-WS30
Description  Technical Specification Laboratory Balance PCE-WS 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WS30 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-WS30 Datasheet HTML 1Page - PCE Instruments. PCE-WS30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Specification Laboratory Balance PCE-WS 30
Compact scale PCE-WS 30
Compact scale PCE-WS 30: economical, with a weight range up to 30 kg.
Very accurate, RS-232, powered by mains or internal accumulator
Compact Scale for professional weights with memoryCompact Scale function. This is the ideal tool when you need to
determine weights up to 30 kg. The scale has some feet of adjustment and fixation for a good leveling as well as a
water-level inside the housing. Previous tarring can be introduced through the keyboard. With the RS-232 interface
integrated and the optional software kit you will be able to transfer the weight data to a computer or a portable. This
Compact Scale has a power supply of 240 or it can be powered by means of a rechargeable internal accumulator to
move the Compact Scale everywhere.
- Large display to show the weight.
- Tarring weight.
- Tarring can be introduced previously.
- Tolerance weighing with limt values previously programmed.
- Powered by accumulator.
- Mais adapter of 230 V
- ISO certificates are available as an option for Compact Scale PCE-WS 30 (DIN ISO 9000)
Technical Specifications
Scale model
PCE-WS 30
Weight range [máx.]
30 kg
Readability [d]
0,5 g
Minimum weight
0,5 g
Memory positions
99
Tarring range
100 %
Interchangeable weighing units
g / kg / lb
Display
Large LCD display with 6 digits
Calibration
by means of an adjusting weight
Dimension of the weighing pan
230 mm x 310 mm
Operating temperature
0 ... +40 °C
Power supply
Adapter 230 V / 50 Hz (included in the delivery) or internal
accumulator


Similar Part No. - PCE-WS30

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-WSA PCE-PCE-WSA Datasheet
272Kb / 2P
Anemometer PCE-WS A
PCE-WSAC50 PCE-PCE-WSAC50 Datasheet
341Kb / 2P
Wind Measurer Alarm Controller PCE-WSAC 50
PCE-WSAC50W230 PCE-PCE-WSAC50W230 Datasheet
499Kb / 2P
Wind Speed Meter PCE-WSAC 50W 230
PCE-WSAC50W230-ICA PCE-PCE-WSAC50W230-ICA Datasheet
649Kb / 2P
Wind Speed Alarm Controller PCE-WSAC 50W 230-ICAincl ISO calibration cert.
PCE-WSAC50W24 PCE-PCE-WSAC50W24 Datasheet
436Kb / 2P
Anemometer PCE-WSAC 50W 24
More results

Similar Description - PCE-WS30

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
TECHNICAL SPECIFICATION
logo
Mitsubishi Electric Sem...
AA057VG02 MITSUBISHI-AA057VG02 Datasheet
324Kb / 22P
TECHNICAL SPECIFICATION
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com