Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC18 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATC18
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATC18 Datasheet HTML 1Page - ATMEL Corporation ATC18 Datasheet HTML 2Page - ATMEL Corporation ATC18 Datasheet HTML 3Page - ATMEL Corporation ATC18 Datasheet HTML 4Page - ATMEL Corporation ATC18 Datasheet HTML 5Page - ATMEL Corporation ATC18 Datasheet HTML 6Page - ATMEL Corporation ATC18 Datasheet HTML 7Page - ATMEL Corporation ATC18 Datasheet HTML 8Page - ATMEL Corporation ATC18 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
1389CS–CASIC–06-Nov-06
ATC18 Summary
1.1
Absolute Maximum Ratings
Operation of a device outside the range given in Table 1-2 may cause permanent damage to the
device and/or affect reliability.
The Atmel cell libraries have been designed in order to be compatible with each other. Simula-
tion representations exist for three types of operating conditions. They correspond to the
characterization conditions defined as follows:
• MIN conditions (industrial best case):
T
J = -40° C
V
DD(cell) = 1.95V
Process = fast
• TYP conditions (industrial typical case):
T
J = +25° C
V
DD(cell) = 1.8V
Process = typ
• MAX conditions (industrial worst case):
T
J = +100° C
V
DD(cell) = 1.60V
Process = slow
Delays to tristate are defined as delay to turn off (VGS < VT) of the driving devices.
Output pad drain current corresponds to the output current of the pad when the output voltage is
V
OL or VOH. The output resistor of the pad and the voltage drop due to access resistors (in and
out of the die) are taken into account. In order to have accurate timing estimates, all character-
ization has been run on electrical netlists extracted from the layout database.
Table 1-2.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Max
Unit
V
DD
DC Supply Voltage
Core
-0.3
2.0
V
VDD2.5
DC Supply voltage
2.5V Interface I/Os
-0.3
4.0
V
VDD3.3
DC Supply Voltage
3.3V Interface I/Os
-0.3
4.0
V
VI
V
I
DC Input Voltage,1.8V I/Os
-0.3
V
DD + 0.3, 2.0 max
V
DC Input Voltage, 3.3V I/Os
-0.3
VDD3.3 + 0.3, 4.0 max
V
V
O
VO
DC Output Voltage, 1.8V I/Os
-0.3
VDD+ 0.3, 2.0 max
V
DC Output Voltage, 3.3V I/Os
-0.3
V
DD3.3 + 0.3, 4.0 max
V
TEMP
Operating Free Air Temperature
Range
Industrial
-40
+125
° C
TSG
Storage Temperature
-60
+150
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com