Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 17Page - Texas Instruments TMP102 Datasheet HTML 18Page - Texas Instruments TMP102 Datasheet HTML 19Page - Texas Instruments TMP102 Datasheet HTML 20Page - Texas Instruments TMP102 Datasheet HTML 21Page - Texas Instruments TMP102 Datasheet HTML 22Page - Texas Instruments TMP102 Datasheet HTML 23Page - Texas Instruments TMP102 Datasheet HTML 24Page - Texas Instruments TMP102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Controller drives SDA
Target drives SDA
S
A6
A5
A4
A3
A2
A1
A0
0
A
0
0
0
0
0
0
P1
P0
A
D15
D14
D13
D12
D11
D10
D9
D8
A
D7
D6
D5
D4
D3
D2
D1
D0
NA
P
START
R/W
ACK from Target
ACK from Target
ACK from Controller
NACK from Controller
STOP
Target Address
Register Pointer (N)
Data to Register N (MSB)
Data to Register N (LSB)
RS
A6
A5
A4
A3
A2
A1
A0
1
A
START
R/W
Target Address
Figure 7-10. Read from Single Register
7.5.4.3 General Call Reset Function
The TMP110 responds to a general-call address (0000 000) if the eighth bit is 0b. The device acknowledges
the general-call address and responds to commands in the second byte. If the second byte is 0000b 0110b, the
TMP110 internal registers are reset to power-up values as shown in SMBus General Call Reset Timing Diagram.
The serial address is unaffected by the general call reset.
S
0
0
0
0
0
0
0
0
A
START
General Call Address
0
0
0
0
1
1
0
A
0
ACK from Target
ACK from Target
Target controls SDA line
Controller controls SDA line
P
STOP
Reset Command
Figure 7-11. SMBus General Call Reset Timing Diagram
7.5.4.4 SMBus Alert Response
The TMP110 device supports the SMBus alert response. When the TMP110 operates in Alert Mode, and the
ALERT pin is available, the controller can sense that an alert condition is present. Irrespective of the availability
of the ALERT pin, the alert status is set. As shown in Figure 7-12, if the controller sends an SMBus alert
command (19h or 00011001b) on the bus, and the alert is set, the device acknowledges the SMBus alert
www.ti.com
TMP110
SNIS233 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com