Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments TMP112 Datasheet HTML 10Page - Texas Instruments TMP112 Datasheet HTML 11Page - Texas Instruments TMP112 Datasheet HTML 12Page - Texas Instruments TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
7 Detailed Description
7.1 Overview
The TMP110 is a digital output temperature sensor that comes factory calibrated for accuracy. The device
features a two-wire, SMBus and I2C compatible interface with two modes of operation: continuous conversion
mode and one-shot conversion mode, designed for thermal management and thermal protection applications.
The TMP110 also includes an alert status register with individual high and low thresholds. Depending on the
application requirement the 5th pin is either a device address input pin for multiple devices on the same bus or
an open-drain alert output pin for thermal switch application.
7.2 Functional Block Diagram
SCL
GND
SDA
Digital Core
Temperature
sensor circuit
ADD0
Oscillator
Register Bank
ADC
Internal
thermal
BJT
V+
Figure 7-1. Address Variant
SCL
GND
SDA
Digital Core
Temperature
sensor circuit
Oscillator
Register Bank
ADC
Internal
thermal
BJT
V+
ALERT
Figure 7-2. Alert Variant
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement is stored in the read-only temperature register. The
temperature register of the TMP110 device is configured as a 12-bit, read-only register (configuration register
EM bit = 0), or as a 13-bit, read-only register (configuration register EM bit = 1) that stores the output of the most
recent conversion. Note that the EM bit defaults to 0 (12-bit format). As this value limits the highest temperature
digital code, the device output is as shown in Table 7-1.
TMP110
SNIS233 – FEBRUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com