Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS014 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CSS014
Description  SMART SENSOR CLIMATE ANALOG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CSS014 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CSS014_V01 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
89
R
+24V DC
R
%RH
T
1
2
3
4
1
2
3
4
n.c.
STEGO - PRODUCT CATALOGUE
SMART SENSOR CLIMATE ANALOG
CSS 014 | DC 24 V
TECHNICAL DATA
Measuring signals analog (4-20 mA)
temperature, humidity
Load resistance (external)
≤ 500 Ω
Connection
M12 round plug connector, IEC 61076-2-101, 4-pin, A-coded,
shielded
Electrical protection
Reverse-polarity, short circuit, overvoltage protection
Mounting
clip for 35 mm DIN rail, EN 60715 and screw fixing M5
Casing
plastic according to UL94 V-0, light grey
Dimensions
140 x 40 x 38 mm
Weight
~ 50 g
Fitting position
vertical, connection on top
Storage temperature
-40 to +85 °C (-40 to +185 °F)
Operating/Storage humidity
< 90 % RH (non-condensing)
Protection type1/Protection class
IP20 (sensor only IP57) / III (SELV)
Approvals
VDE, UL File No. E500143 (acc. to IEC 61010-1/DIN EN 61010-1), EAC
Note
other measuring ranges on request
1
The PCB (printed circuit board) is coated on both sides with a certified protective lacquer to protect against corrosion and for
improvement of the tracking resistance.
The compact Smart Sensor CSS 014 electronically records temperature and humidity and converts the measured
data into a standardized analog 4-20 mA signal. The converted value signals can be utilized or further processed
by a control or monitoring unit, e.g. a PLC control. The Smart Sensor is suitable for installation inside and outside
the enclosure, even in harsh environmental conditions as can be found in the wind power industry: in shielded
outdoor areas and exposed to vibrations.
> Analog interface
> Small size
> Easy clip and/or screw fixing
> Quick connection (M12 plug-in
connector)
> High accuracy
> Large temperature and humidity range
> Various application areas
(IEC 61010-1/DIN EN 61010-1)
Art. No.
Interface
Operating
voltage
Power
consumption max.
Temperature
measuring range
Humidity
measuring range
Operating
temperature
01420.2-00
4-20 mA (analog)
DC 24 V (DC 12-30 V):
0 Ω < R < 160 Ω: (DC 12-30 V)
160 Ω < R < 500 Ω: (DC 20-30 V)
1.8 W (typically
0.4 W)
-40 to +60 °C (-40 to +140 °F) 1 K2
(Max. reaction time t
60 195 s)
0 to 100 % RH ± 4%3
(Max. reaction time t
60 8 s)
-40 to +70 °C
(-40 to +158 °F)
2
Tolerance data measured at nominal voltage DC 24 V and 500 Ω load resistance between +5 to +60°C
3
Tolerance data measured at nominal voltage DC 24 V and 500 Ω load resistance between 20 to 80 % RH
Example of connection
Pin assignment for 4-pin
M12 round plug connector
Protection type IP57
MEASURING
89
TECHNICAL DATASHEET


Similar Part No. - CSS014_V01

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CSS014 STEGO-CSS014 Datasheet
1Mb / 1P
SMART SENSOR CLIMATE DIGITAL
15.09.2023
More results

Similar Description - CSS014_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPS1M002 ONSEMI-SPS1M002 Datasheet
72Kb / 3P
Smart Passive Sensor
January, 2016 ??Rev. 1
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C Datasheet
4Mb / 4P
Smart Dust Sensor
logo
Mini-Circuits
PWR-8GHS-RC MINI-PWR-8GHS-RC Datasheet
1,001Kb / 6P
Smart Power Sensor
PWR-8P-RC MINI-PWR-8P-RC Datasheet
1,004Kb / 6P
Smart Power Sensor
logo
TE Connectivity Ltd
7-2252003-6 TEC-7-2252003-6 Datasheet
237Kb / 1P
SMART CURRENT SENSOR
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C_V01 Datasheet
696Kb / 12P
SMART Dust Sensor
logo
Omron Electronics LLC
ZS-LD15G OMRON-ZS-LD15G Datasheet
1Mb / 2P
smart sensor
logo
Mini-Circuits
PWR-40PW-RC MINI-PWR-40PW-RC Datasheet
1Mb / 9P
Smart Power Sensor
Rev. A
PWR-8PW-RC MINI-PWR-8PW-RC Datasheet
2Mb / 11P
Smart Power Sensor
Rev. OR
logo
E+E Elektronik Ges.m.b....
EE210 EPLUSE-EE210 Datasheet
2Mb / 13P
Humidity and Temperature Sensor for Demanding Climate Control
10-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com