Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS076 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # ESS076
Description  SMART SENSOR CURRENT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

ESS076 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  ESS076 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
R
PRODUCT CATALOGUE - STEGO
SMART SENSOR CURRENT
ESS 076 | DC 24 V, IO-LINK, 4-20 mA
TECHNISCHE DATEN
Measuring signal 4 - 20 mA
Current
Measuring signal IO-Link
Current, event data, diagnostic data, device data, calculated
energy and power
Loop resistor (external)
≤ 500 Ω (only for 4-20 mA)
Connection
Round plug connector M12, IEC 61076-2-101, 4-pin, A-coded
Electrical protection
Reverse-polarity, short circuit, overvoltage protection
Mounting
Clip for 35 mm DIN rail, EN 60715
Casing
plastic according to UL94 V-0, light grey
Dimensions
87 x 35 x 46,5 mm
Weight
~ 100 g
Fitting position
any
Storage temperature
-40 to +85 °C (-40 to +185 °F)
Operating/Storage humidity
< 90 % rF (non-condensing)
Protection type/Protection class
IP40 / III (extra-low voltage)
Approvals
IEC 61010-1/DIN EN 61010-1
DIN IEC 60381-2
Note
Conductor diameter < 11,4 mm,
VDE and UL certification prepeared
Accessories
Screw mounting STEGOFIX PLUS SFP 095 Art. No. 09550.0-05
Adhesive mounting STEGOFIX PLUS SFP 095 Art. No. 09550.1-05
Magnetic fixing STEGOFIX PLUS SFP 095 Art. No. 09550.2-05
The Smart Sensor Current ESS 076 measures the AC current of the conducted lines without contact. Acquired
measurement data is output analog (4-20 mA signal) or digital (IO-Link). Measured and processed data- such as
power and energy - are provided via the IO-Link interface to higher-level systems such as machine controllers or
edge computers for condition monitoring. The ESS 076 is ideal for the permanent collection of load profiles from
plants and machines. These help in applications such as peak load detection to achieve savings in energy costs.
> Measures AC current up to 100 A
contactless
> Cable diameter up to 11.4 mm
> Internal processing of measured values
> Analog & digital interface in one device
Art. No.
Interface
Operating voltage
Power consumtion max.
Current measuring range
Operating temperature
07600.2-00
IO-Link (Version 1.1)
and 4 - 20 mA
DC 24 V (DC 18-30 V)
1 W
AC 0 - 100 A (50/60 Hz) ±0,5 A 1
-40 to +80 °C
(-40 to +176 °F)
1
Tolerance data measured at nominal voltage DC 24 V.
MEASURING
90TECHNICAL DATASHEET


Similar Part No. - ESS076

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS VISHAY-ESS Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
ESS-10 VISHAY-ESS-10 Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS-10 VISHAY-ESS-10 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
logo
Festo Corporation.
ESS-10-BN FESTO-ESS-10-BN Datasheet
76Kb / 1P
Vacuum suction cup
6/10/22
More results

Similar Description - ESS076

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPS1M002 ONSEMI-SPS1M002 Datasheet
72Kb / 3P
Smart Passive Sensor
January, 2016 ??Rev. 1
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C Datasheet
4Mb / 4P
Smart Dust Sensor
logo
Mini-Circuits
PWR-6LRMS-RC MINI-PWR-6LRMS-RC Datasheet
975Kb / 9P
Smart Power Sensor
PWR-8GHS-RC MINI-PWR-8GHS-RC Datasheet
1,001Kb / 6P
Smart Power Sensor
PWR-8P-RC MINI-PWR-8P-RC Datasheet
1,004Kb / 6P
Smart Power Sensor
logo
TE Connectivity Ltd
7-2252003-6 TEC-7-2252003-6 Datasheet
237Kb / 1P
SMART CURRENT SENSOR
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C_V01 Datasheet
696Kb / 12P
SMART Dust Sensor
logo
Omron Electronics LLC
ZS-LD15G OMRON-ZS-LD15G Datasheet
1Mb / 2P
smart sensor
logo
Mini-Circuits
PWR-40PW-RC MINI-PWR-40PW-RC Datasheet
1Mb / 9P
Smart Power Sensor
Rev. A
PWR-8PW-RC MINI-PWR-8PW-RC Datasheet
2Mb / 11P
Smart Power Sensor
Rev. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com