Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPI018 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # FPI018
Description  FILTER FAN PLUS – DC LINE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

FPI018 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  FPI018 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH FPI018 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
61
FPI 118
FPI 018
FPO 118
FPO 018
215
25
117
25
43
215
25
117
25
43
215
25
117
25
43
215
25
117
25
25
215
25
117
25
25
215
25
117
25
25
176
+1
0
176
+1
0
STEGO - PRODUCT CATALOGUE
COOLING
FILTER MAT FM 086
Filter class
168 x 168 mm
Initial gravimetric arrestance
1 packing unit
ISO coarse 55% acc. to ISO 16890 (G3)
Art. No. 08635.0-00
57 %
5 pieces
AIRFLOW DIRECTION "OUT": INTAKE FILTER FPO 118
Art. No.
Depth in enclosure
Weight (approx.)
Filter mat
11882.0-30
25 mm
0.4 kg
ISO coarse 55% acc. to ISO 16890 (G3), initial gravimetric arrestance 57 %
AIRFLOW DIRECTION "OUT": FILTER FAN FPO 018
Art. No.
Operating voltage
Air volume,
free flow
Air volume
with intake filter
Current consumption
Power
consumption
Average noise level
(DIN EN ISO 4871)
Depth in
enclosure
Weight
(approx.)
Air outlet
01882.2-00
DC 24 V
269 m³/h
141 m³/h
500 mA
12.0 W
63 dB (A)
117 mm
1.5 kg
air-flaps
01882.1-00
DC 48 V
277 m³/h
146 m³/h
250 mA
12.0 W
63 dB (A)
117 mm
1.5 kg
air-flaps
Filter Fan FPO 018
Intake Filter FPO 118
Air-flaps
Filter mat
SYSTEM FPO
TECHNICAL DRAWINGS
ENCLOSURE CUT-OUT
ENCLOSURE CUT-OUT
61
TECHNICAL DATASHEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com