Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPI018 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # FPI018
Description  FILTER FAN PLUS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

FPI018 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  FPI018 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH FPI018 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53
53
FPI 118
FPI 018
FPO 118
FPO 018
257
147
26
46
26
257
147
26
46
26
257
147
26
25
26
257
147
26
25
26
223
+1
0
223
+1
0
STEGO - PRODUCT CATALOGUE
TECHNICAL DRAWINGS
AIRFLOW DIRECTION "OUT": INTAKE FILTER FPO 118
Art. No.
Depth in enclosure
Weight (approx.)
Filter mat
11883.0-30
25 mm
0.5 kg
ISO coarse 55% acc. to ISO 16890 (G3), initial gravimetric arrestance 57 %
AIRFLOW DIRECTION "OUT": FILTER FAN FPO 018
Art. No.
Operating voltage
Air volume,
free flow
Air volume
with intake filter
Current consumption
(50/60 Hz)
Power
consumption
Average noise level
(DIN EN ISO 4871)
Depth in
enclosure
Weight
(approx.)
Air outlet
01883.0-00
AC 230 V, 50/60 Hz
536 m³/h
281 m³/h
300/340 mA
64 W
65 db (A)
147 mm
2.4 kg
air-flaps
01883.9-00
AC 115 V, 50/60 Hz
581 m³/h
310 m³/h
600/700 mA
81 W
68 db (A)
147 mm
2.4 kg
air-flaps
Filter Fan FPO 018
Intake Filter FPO 118
Air-flaps
Filter mat
SYSTEM FPO
COOLING
FILTER MAT FM 086
Filter class
215 x 215 mm
Initial gravimetric arrestance
1 packing unit
ISO coarse 55% acc. to ISO 16890 (G3)
Art. No. 08636.0-00
57 %
5 pieces
ENCLOSURE CUT-OUT
ENCLOSURE CUT-OUT
53
TECHNICAL DATASHEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com