Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED021 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # LED021
Description  VARIOLINE LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED021 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  LED021 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH LED021 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
89
1
2
1
2
19,2
19,2
19,2
STEGO - PRODUCT CATALOGUE
This illustration shows the LED 021/022 lamp in a daisy chain application. The lamps are conveniently connected via connection plugs - up to 8 lamps max. can be daisy-chained this way.
The snap lock connectors ensure a stable electrical connection even if subjected to heavy vibration. The connection example shows a AC 230 V application, using the following cables:
connection cable with female connector, Art. No. 244356 (1); daisy chain extension cable with 2 connectors, Art. No. 244358 (2).
Female/male connectors are also available to assemble cables in non-standard lengths.
ACCESSORIES LED 021/022
Connectors and cables for electrical connection are not included in the delivery of the LED 021/022. These parts can be ordered separately.
Sets, consisting of lamp and accessories, are available on request. Likewise, custom cables are available on request.
Art. No.
Model
Length
Voltage type
Color
Use for
Approvals²
244356
connection cable 2 x 1.5 mm² with female connector
2.0 m
AC
connector: white; cable: white
power input
VDE
244357
connection cable 2 x AWG 16 with female connector
2.0 m
AC
connector: white; cable: white
power input
VDE + UL
² applies only to the individual components (cable and connectors)
Art. No.
Model
Length
Voltage type
Color
Use for
Approvals²
244358
extension cable 2 x 1.5 mm² with 2 connectors
1.0 m
AC
connectors: white; cable: white
daisy chain
VDE
244359
extension cable 2 x AWG 16 with 2 connectors
1.0 m
AC
connectors: white; cable: white
daisy chain
VDE + UL
² applies only to the individual components (cable and connectors)
CONNECTION CABLE WITH FEMALE CONNECTOR AND OPEN END
EXTENSION CABLE WITH 2 CONNECTORS FOR DAISY CHAIN CONNECTION
Photo: Connection cable, Art. No. 244356
Photo: Extension cable, Art. No. 244358
Art. No.
Model
Voltage type
Color
Use for
Wire cross-section1
Approvals
264057
female connector
AC
white
power input
0,5-2,5 mm2 (AWG 14-20)
VDE + UL
264058
male connector
AC
white
power output
0,5-2,5 mm2 (AWG 14-20)
VDE + UL
1
applies to rigid and stranded wire. Wire end ferrules must be used when connecting with stranded wires
LAMP-SET WITH FEMALE CONNECTOR
FEMALE / MALE CONNECTORS
Photo: Male connector, Art. No. 264058
Photo: Female connector, Art. No. 264057
CONNECTION EXAMPLE
Varioline LED enclosure lamps are also available as a set including the connector Art. No. 264057.
Simply add
-0003 to the article number of the required lamp. For example: 02100.0-30-0003
LIGHTING
89
TECHNICAL DATASHEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com