Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED022 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # LED022
Description  VARIOLINE LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED022 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  LED022 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH LED022 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
88
44
PRODUCT CATALOGUE - STEGO
VARIOLINE LAMP
LED 021/022
The LED 021/022 Varioline is a powerful and compact LED lamp for use in enclosures. Its LED tube emits more
than 1,000/1,700 Lm at only 10 W/15 W power consumption, thereby illuminating even very large enclosures in
their full depth and height. The glare-free, 360° rotatable LED tube uses Mid-power LEDs with a service life of
60,000 h. The emitted daylight color of 6,500 K provides safety for the user by a natural and non-fading color
reproduction.
> High luminous flux
> Integrated power unit
> Durable and maintenance-free
LED technology
> Daisy chain
> On/off switch or movement sensor
> Magnet or screw fixing
Size 1: L1 = 400 mm
Size 2: L1 = 600 mm
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Magnet fixing
Art. No.
Screw fixing
Switch
Approvals
02100.0-30
02100.0-00
02200.0-30
02200.0-00
On/off switch
VDE
UL File No. E234324
EAC
02110.0-30
02110.0-00
02210.0-30
02210.0-00
PIR movement sensor1
VDE
UL File No. E234324
EAC
02120.0-30
02120.0-00
02220.0-30
02220.0-00
without switching option
VDE
UL File No. E234324
EAC
¹ approx. 5 min. fixed switch-on duration
LED 021
Movement sensor and
screw fixing
LED 021/022
magnet or
screw fixing
LED 021/022
side view
View of magnet fixing
LED 021 (Size 1)
L1 = 400 mm
L2 = 375 mm
LED 022 (Size 2)
L1 = 600 mm
L2 = 575 mm
View of screw fixing
LED 022
On/off switch
and magnet fixing
TECHNICAL DATA
Power consumption
max. 10 W/15 W
Operating voltage
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
Luminous flux
1,080 Lm/1,730 Lm
Lamp type
LED, angle of radiation 120°
light color: daylight, color temperature: 6,500 K
Service life
60,000 h at +20 °C (+68 °F)
Connection
2-pole connector with snap lock
AC: max. 2.5 A / AC 240 V, color: white
Mounting
magnet fixing or screw fixing (M5), torque 2 Nm max.
Casing
plastic, translucent
Dimensions
see drawings
Weight
approx. 0.2 kg/0.3 kg
Operating/Storage temperature
-40 to +40 °C (-40 to +104 °F) / -40 to +85 °C (-40 to +185 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
Mounting options: The lamps are available with magnet fixing for easy positioning in any steel cabinet or enclosure. A classic
is the LED 021/022 with screw fixing. With a total rotation angle of 360° it provides perfect illumination.
Note: The lamp must not be used for household lighting.
LIGHTING
88TECHNICAL DATASHEET


Similar Part No. - LED022

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
LED025 STEGO-LED025 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
LED025 STEGO-LED025_V01 Datasheet
593Kb / 2P
LAMP
20.07.2022
More results

Similar Description - LED022

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com