Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED025 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # LED025
Description  ECOLINE LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED025 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  LED025 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
93
STEGO - PRODUCT CATALOGUE
TECHNICAL DATA
Power consumption
max. 4 W
Luminous flux
400 Lm at 120°
Lamp type
LED, angle of radiation 120°
light color: daylight, color temperature: 6,000 K to 7,000 K
Service life
60,000 h at +20 °C (+68 °F)
Connection
2-pole dual pressure clamp for rigid wire 2.5 mm², stranded wire
(with wire end ferrule) 1.5 mm²
Mounting
magnet fixing or screw fixing (M5), clip fixing (M6),
torque 2 Nm max.
Casing
plastic, transparent
Dimensions
see drawings
Weight
0.2 kg
Operating/Storage temperature
-40 to +60 °C (-40 to +140 °F) / -40 to +85 °C (-40 to +185 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
Mounting options: The lamps are available with magnet fixing for easy positioning in any steel cabinet or enclosure. A classic is
the LED 025 with screw fixing. The clip holders exclusively designed for clip fixing of the LED 025 can be positioned anywhere in
the cabinet by simply screwing the holders to the cabinet wall. The lamp is snapped into the clip holders and can be turned in
both directions. With a total rotation angle of 180° it provides perfect illumination within the cabinet or enclosure.
ECOLINE LAMP
LED 025
The lamp series LED 025 is suitable for all types of panels and enclosures, especially where space is at a premium.
The lamps have a very long service life thanks to the use of LED technology. Three different fixing options provide
more flexibility for installation. The Ecoline series is a simplified version of the standard LED 025 lamp and has a
dual pressure clamp for connection instead of connectors. Nonetheless it is suitable for daisy-chaining and allows
for up to 10 lamps to be connected to each other.
> Wide voltage range
> Integrated power unit
> Dual pressure connection clamp
> Daisy chain
> Magnet, screw or clip fixing
> Long-lived and maintenance-free by
LED technology
LED 025 with
magnet or
screw fixing
Side view screw fixing
LED 025 with
clip fixing
Ecoline Lamp
LED 025
top view
Side view magnet fixing
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Clip fixing
Operating voltage
Switch
Approvals
02540.3-10
02540.3-11
02540.3-13
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
DC 90 – 110 V (min. DC 80 V, max. DC 125 V)
on/off light switch
VDE (REG.-Nr. E788)1
UL File No. E234324
CCC EAC
02541.3-10
02541.3-11
02541.3-13
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
DC 90 – 110 V (min. DC 80 V, max. DC 125 V)
PIR movement sensor2 VDE (REG.-Nr. E788)1
UL File No. E234324
CCC EAC
02542.3-10
02542.3-11
02542.3-13
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
DC 90 – 110 V (min. DC 80 V, max. DC 125 V)
N/A
VDE (REG.-Nr. E788)1
UL File No. E234324
CCC EAC
02540.1-10
02540.1-11
02540.1-13
DC 24 – 48 V (min. DC 20 V, max. DC 60 V)
on/off light switch
VDE (REG.-Nr. E788)1
UL File No. E234324
CCC EAC
02541.1-10
02541.1-11
02541.1-13
DC 24 – 48 V (min. DC 20 V, max. DC 60 V)
PIR movement sensor² VDE (REG.-Nr. E788)1
UL File No. E234324
CCC EAC
02542.1-10
02542.1-11
02542.1-13
DC 24 – 48 V (min. DC 20 V, max. DC 60 V)
N/A
VDE (REG.-Nr. E788)1
UL File No. E234324
CCC EAC
1
VDE Certificate of Conformity (REG.-Nr. E788); 2 approx. 5 min. fixed switch-on duration
Note: The lamp must not be used for household lighting.
Side view clip fixing
Lamp with
clip fixing
Lamp with
movement sensor
and screw fixing
Lamp with
on/off switch and
magnet fixing
LIGHTING
93
TECHNICAL DATASHEET


Similar Part No. - LED025

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
LED025 STEGO-LED025_V01 Datasheet
593Kb / 2P
LAMP
20.07.2022
More results

Similar Description - LED025

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com