Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED025 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # LED025
Description  LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED025 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  LED025_V01 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH LED025_V01 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
95
1
2
1
2
STEGO - PRODUCT CATALOGUE
LIGHTING
This illustration shows the LED 025 lamp in a daisy chain application. The lamps are conveniently connected via quick connection plugs – up to 10 lamps max. can be daisy-chained this way.
The snap lock connectors ensure a stable electrical connection even if subjected to heavy vibration. The connection example shows a AC 230 V application, using the following cables: connection
cable with female connector, Art. No. 244356 (1); daisy chain extension cable with 2 connectors, Art. No. 244358 (2).
Female/male connectors are also available to assemble cables in non-standard lengths.
CONNECTION CABLE WITH FEMALE CONNECTOR AND OPEN END
EXTENSION CABLE WITH 2 CONNECTORS FOR DAISY CHAIN CONNECTION
FEMALE / MALE CONNECTORS
² applies only to the individual components (cable and connectors)
² applies only to the individual components (cable and connectors)
³ applies to rigid and stranded wire. Wire end ferrules must be used when connecting with stranded wires.
Photo: Connection cable, Art. No. 244356
Photo: Extension cable, Art. No. 244358
Photo: Female connector, Art. No. 264057
Photo: Male connector, Art. No. 264058
CONNECTION EXAMPLE
Art. No.
Model
Length
Voltage type
Color
Use for
Approvals²
244356
connection cable 2 x 1.5 mm² with female connector
2.0 m
AC
connector: white; cable: white
power input
VDE
244357
connection cable 2 x AWG 16 with female connector
2.0 m
AC
connector: white; cable: white
power input
VDE + UL
244360
connection cable 2 x 0.75 mm² with female connector
2.0 m
DC 24 – 48 V
connector: blue; cable: white
power input
VDE
244361
connection cable 2 x AWG 16 with female connector
2.0 m
DC 24 – 48 V
connector: blue; cable: white
power input
VDE + UL
Art. No.
Model
Length
Voltage type
Color
Use for
Approvals²
244358
extension cable 2 x 1.5 mm² with 2 connectors
1.0 m
AC
connectors: white; cable: white
daisy chain
VDE
244359
extension cable 2 x AWG 16 with 2 connectors
1.0 m
AC
connectors: white; cable: white
daisy chain
VDE + UL
244362
extension cable 2 x 1.5 mm² with 2 connectors
1.0 m
DC 24 – 48 V
connectors: blue; cable: white
daisy chain
VDE
244363
extension cable 2 x AWG 16 with 2 connectors
1.0 m
DC 24 – 48 V
connectors: blue; cable: white
daisy chain
VDE + UL
Art. No.
Model
Voltage type
Color
Use for
Wire cross-section³
Approvals
264057
female connector
AC
white
power input
0.5-2.5 mm² (AWG 14-20)
VDE + UL
264058
male connector
AC
white
power output
0.5-2.5 mm² (AWG 14-20)
VDE + UL
264059
female connector
DC 24 – 48 V
blue
power input
0.5-2.5 mm² (AWG 14-20)
VDE + UL
264060
male connector
DC 24 – 48 V
blue
power output
0.5-2.5 mm² (AWG 14-20)
VDE + UL
ACCESSORIES
Connectors and cables for electrical connection are not included in the delivery of the LED 025. These parts can be ordered separately. Sets, consisting of lamp and accessories, are available on
request.
95
TECHNICAL DATASHEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com