Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED121 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # LED121
Description  VARIOLINE LAMP WITH SOCKET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED121 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  LED121 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH LED121 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH LED121 Datasheet HTML 3Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
91
STEGO - PRODUCT CATALOGUE
LIGHTING
Size 1: L1 = 500 mm
Size 2: L1 = 700 mm
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Magnet fixing
Art. No.
Screw fixing
Operating voltage
Socket
Nominal current
of socket
Approvals
12100.0-30
12100.0-00
12200.0-30
12200.0-00
AC 220 – 240 V, 50/60 Hz
Germany/Russia (1)
16.0 A
VDE
EAC
12101.0-30
12101.0-00
12201.0-30
12201.0-00
AC 220 – 240 V, 50/60 Hz
FR/PL/CZ/SK (2)
16.0 A
VDE
EAC
12102.0-30
12102.0-00
12202.0-30
12202.0-00
AC 220 – 240 V, 50/60 Hz
Switzerland (3)
10.0 A
EAC
12103.0-30
12103.0-00
12203.0-30
12203.0-00
AC 220 – 240 V, 50/60 Hz
UK/Ireland (4)
13.0 A
VDE
EAC
12104.0-30
12104.0-00
12204.0-30
12204.0-00
AC 120 V, 50/60 Hz
USA/Canada (5)
15.0 A
UL File No. E234324
EAC
12105.0-30
12105.0-00
12205.0-30
12205.0-00
AC 220 – 240 V, 50/60 Hz
Italy (6)
16.0 A
VDE
EAC
12107.0-30
12107.0-00
12207.0-30
12207.0-00
AC 220 – 240 V, 50/60 Hz
Australia (7)
10.0 A
VDE
EAC
Size 1: L1 = 500 mm
Size 2: L1 = 700 mm
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Magnet fixing
Art. No.
Screw fixing
Operating voltage
Socket
Nominal current
of socket
Approvals
12130.0-30
12130.0-00
12230.0-30
12230.0-00
AC 220 – 240 V, 50/60 Hz
Germany/Russia (1)
16.0 A
VDE
EAC
12131.0-30
12131.0-00
12231.0-30
12231.0-00
AC 220 – 240 V, 50/60 Hz
FR/PL/CZ/SK (2)
16.0 A
VDE
EAC
12132.0-30
12132.0-00
12232.0-30
12232.0-00
AC 220 – 240 V, 50/60 Hz
Switzerland (3)
10.0 A
EAC
12133.0-30
12133.0-00
12233.0-30
12233.0-00
AC 220 – 240 V, 50/60 Hz
UK/Ireland (4)
13.0 A
VDE
EAC
12134.0-30
12134.0-00
12234.0-30
12234.0-00
AC 120 V, 50/60 Hz
USA/Canada (5)
15.0 A
UL File No. E234324
EAC
12135.0-30
12135.0-00
12235.0-30
12235.0-00
AC 220 – 240 V, 50/60 Hz
Italy (6)
16.0 A
VDE
EAC
12137.0-30
12137.0-00
12237.0-30
12237.0-00
AC 220 – 240 V, 50/60 Hz
Australia (7)
10.0 A
VDE
EAC
Size 1: L1 = 500 mm
Size 2: L1 = 700 mm
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Magnet fixing
Art. No.
Screw fixing
Operating voltage
Socket
Nominal current
of socket
Approvals
12120.0-30
12120.0-00
12220.0-30
12220.0-00
AC 220 – 240 V, 50/60 Hz
Germany/Russia (1)
16.0 A
VDE
EAC
12121.0-30
12121.0-00
12221.0-30
12221.0-00
AC 220 – 240 V, 50/60 Hz
FR/PL/CZ/SK (2)
16.0 A
VDE
EAC
12122.0-30
12122.0-00
12222.0-30
12222.0-00
AC 220 – 240 V, 50/60 Hz
Switzerland (3)
10.0 A
EAC
12123.0-30
12123.0-00
12223.0-30
12223.0-00
AC 220 – 240 V, 50/60 Hz
UK/Ireland (4)
13.0 A
VDE
EAC
12124.0-30
12124.0-00
12224.0-30
12224.0-00
AC 120 V, 50/60 Hz
USA/Canada (5)
15.0 A
UL File No. E234324
EAC
12125.0-30
12125.0-00
12225.0-30
12225.0-00
AC 220 – 240 V, 50/60 Hz
Italy (6)
16.0 A
VDE
EAC
12127.0-30
12127.0-00
12227.0-30
12227.0-00
AC 220 – 240 V, 50/60 Hz
Australia (7)
10.0 A
VDE
EAC
Size 1: L1 = 500 mm
Size 2: L1 = 700 mm
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Magnet fixing
Art. No.
Screw fixing
Operating voltage
Socket
Nominal current
of socket
Approvals
12110.0-30
12110.0-00
12210.0-30
12210.0-00
AC 220 – 240 V, 50/60 Hz
Germany/Russia (1)
16.0 A
VDE
EAC
12111.0-30
12111.0-00
12211.0-30
12211.0-00
AC 220 – 240 V, 50/60 Hz
FR/PL/CZ/SK (2)
16.0 A
VDE
EAC
12112.0-30
12112.0-00
12212.0-30
12212.0-00
AC 220 – 240 V, 50/60 Hz
Switzerland (3)
10.0 A
EAC
12113.0-30
12113.0-00
12213.0-30
12213.0-00
AC 220 – 240 V, 50/60 Hz
UK/Ireland (4)
13.0 A
VDE
EAC
12114.0-30
12114.0-00
12214.0-30
12214.0-00
AC 120 V, 50/60 Hz
USA/Canada (5)
15.0 A
UL File No. E234324
EAC
12115.0-30
12115.0-00
12215.0-30
12215.0-00
AC 220 – 240 V, 50/60 Hz
Italy (6)
16.0 A
VDE
EAC
12117.0-30
12117.0-00
12217.0-30
12217.0-00
AC 220 – 240 V, 50/60 Hz
Australia (7)
10.0 A
VDE
EAC
¹ approx. 5 min fixed switch-on duration
VARIOLINE LED 121/122 ON/OFF SWITCH
VARIOLINE LED 121/122 PIR MOVEMENT SENSOR1
VARIOLINE LED 121/122 WITH CONNECTION FOR EXTERNAL DOOR SWITCH
VARIOLINE LED 121/122 WITHOUT SWITCHING OPTION
(1)
(2)
(3)
(4)
(5)
(6)
(7)
91
TECHNICAL DATASHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com