Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH112 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH112
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112 Datasheet(HTML) 6 Page - STMicroelectronics

  STTH112_07 Datasheet HTML 1Page - STMicroelectronics STTH112_07 Datasheet HTML 2Page - STMicroelectronics STTH112_07 Datasheet HTML 3Page - STMicroelectronics STTH112_07 Datasheet HTML 4Page - STMicroelectronics STTH112_07 Datasheet HTML 5Page - STMicroelectronics STTH112_07 Datasheet HTML 6Page - STMicroelectronics STTH112_07 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STTH112
6/7
3
Ordering information
4
Revision history
Ordering code
Marking
Package
Weight
Base qty
Delivery Mode
STTH112
STTH112
DO-41
0.34 g
2000
Ammopack
STTH112A
H12
SMA
0.068 g
5000
Tape and reel
STTH112U
U12
SMB
0.11 g
2500
Tape and reel
STTH112RL
STTH112
DO-41
0.34 g
5000
Tape and reel
Date
Revision
Changes
Jan-2003
2
Initial release.
22-Jun-2005
3
New value of Tj = 150°C added to table 2.
Dimensions A1 E and D updated in Table 4.
Data sheet reformatted.
No other technical changes
20-Mar-2007
4
Reformatted to current standards. Updated dimensions and footprints
for SMA and SMB packages.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com