Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP152S Datasheet(PDF) 10 Page - STMicroelectronics

Part # CP152S
Description  Programmable transient voltage suppressor for SLIC protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CP152S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button CP152S Datasheet HTML 3Page - STMicroelectronics CP152S Datasheet HTML 4Page - STMicroelectronics CP152S Datasheet HTML 5Page - STMicroelectronics CP152S Datasheet HTML 6Page - STMicroelectronics CP152S Datasheet HTML 7Page - STMicroelectronics CP152S Datasheet HTML 8Page - STMicroelectronics CP152S Datasheet HTML 9Page - STMicroelectronics CP152S Datasheet HTML 10Page - STMicroelectronics CP152S Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
LCP1521S/LCP152DEE
10/11
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
LCP1521S
CP152S
SO-8
0.11 g
100
Tube
LCP1521SRL(1)
1.
Preferred device
CP152S
2500
Tape and reel
LCP152DEERL(1)
LCP152
QFN 3x3 6L
0.022 g
3000
Tape and reel
Date
Revision
Description of Changes
Sep-2003
1A
First issue.
08-Dec-2004
2
1/ Page 2 table 3: Thermal resistances changed from 130° C/W
(SO-8) to 120° C/W and from 170° C/W (QFN) to 140° C/W.
2/ SO-8 and QFN footprint dimensions added.
17-Feb-2005
3
Table 9 on page 4: correction of typo on capacitance unit.
03-May-2005
4
Table 5 on page 3: ITSM value @ t= 1s from 4 A to 4.5 A.
07-Jul-2006
5
Replaced QFN package illustration on page 1. Reformatted
document to current layout standard. Values of ITSM modified in
Table 4. SO-8 package dimensions updated in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com