Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SD2000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SD2000
Description  Pallet Scale PCE-SD 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD2000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SD2000 Datasheet HTML 1Page - PCE Instruments. PCE-SD2000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pallet Scale PCE-SD 2000
Pallet scales up to 2000kg / resolution 1 kg / low construction height /
includes an access ramp / bidirectional RS-232 interface / totalizing function / piece counting function / tolerance weighing / optional
4-20 mA, 0-10 V or OC switching outputs
The calibrated platform scale is ideal if you do not want to install a scale into the floor. Simply set up the platform scale in the hall, fix the
platform scale and the access ramp with the fixing plates included in the scope of delivery, connect the control terminal to the socket and you
can start weighing. An initial verification of the platform scale is carried out by us before dispatch, so the platform scale can be used
immediately even in goods traffic that is subject to verification.
The platform scale has a low construction height of only approx. 5 cm and enables easy access even with heavy goods. An access ramp is
included in the scope of delivery of the platform scales, the second access ramp can be ordered as an option. The display of the platform scale
has a bracket that allows it to be mounted on the wall or on a table, a tripod for the platform scale is also optionally available. The functions of
the platform scale are: piece counting function, a max. min. weighing, recipe weighing, percentage weighing, average weight determination,
totalizing function, a tare weight memory and adjustable RS-232 interface.
Piece counting function
Percent % comparative weighing
Filter (reaction time) adjustable
Animal weighing function
A tare value can be saved
Tolerance determination weight min/ok/max
Sum up several weighings
Average weight determination
Mixed recipe weighing
Adjustable bidirectional RS-232 interface
Line mode and EPL2 printer languages
Adjustable automatic switch-off
Gross / Net key on the display
Menu freely adjustable
Maintenance-free components
Optional: USB, LAN or 4-20 mA


Similar Part No. - PCE-SD2000

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SD2000SST PCE-PCE-SD2000SST Datasheet
241Kb / 2P
Pallet Scale PCE-SD 2000 SST
More results

Similar Description - PCE-SD2000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
Low Power, Chip Scale 10-Bit SD/HD Video Encoder
10/06-Revision 0
logo
RFHIC
RRP2731080-39 RFHIC-RRP2731080-39 Datasheet
596Kb / 5P
Pulse Amp Pallet
RRP1214500-14 RFHIC-RRP1214500-14 Datasheet
691Kb / 6P
Pulse Amp Pallet
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
RFHIC
RRP56571K0-41 RFHIC-RRP56571K0-41 Datasheet
1Mb / 4P
Pulse Amp Pallet
RYP24200-20S RFHIC-RYP24200-20S Datasheet
490Kb / 7P
CW Pallet Amplifier
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com