Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SD2000SST Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SD2000SST
Description  Pallet Scale PCE-SD 2000 SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD2000SST Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SD2000SST Datasheet HTML 1Page - PCE Instruments. PCE-SD2000SST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pallet Scale PCE-SD 2000 SST
Calibratable stainless steel drive-through pallet scale up to 2000 kg / resolution 1 kg /
corrosion and acid resistant / protection class IP 65 / IP 68 / low overall height /
very robust design / incl. an access ramp and calibration
Before delivery, the calibratable stainless steel drive-on scale is calibrated for its location of use according to calibration class III and is then
approved for two years in all of Europe for calibration class III. The stainless steel drive-through scale is made of solid corrosion and acid-
resistant steel. The weighing platform of the stainless steel ramp scale has encapsulated weighing cells that withstand the harshest conditions
with the IP 68 protection class. The drive-on ramp is easy to drive on thanks to the low height of the stainless steel drive-through scale and, as
required, can be used as a drive-on ramp or as a drive-through scale using a second optionally available drive-through ramp. The fixing plates
included in the scope of delivery ensure that the calibrated stainless steel drive-through scales stand securely and prevent the ramps from
slipping. The stainless steel display of the drive-through scale is IP 65 protected and can be conveniently mounted on the table, on the wall or
on the optionally available stainless steel tripod. The functional package of the calibrated stainless steel drive-through scale is very extensive.
Functions such as auto tare, piece counting function, saving a fixed tare weight, recipe function, summing function and more make work much
easier. The stainless steel ramp scale is ideal if you do not want to install a scale into the floor. Simply set up the drive-through scale on a level
hall floor, connect the control terminal and you can start weighing. For the calibrated stainless steel drive-on scale, we offer an RS-232, USB,
LAN interface and 4..20 mA or 0 ... 10 V analog outputs or three switching outputs.
 
Calibrated according to M III
Statistics function
Sum up several weighings
Percent % comparative weighing
Filter (reaction time) adjustable
Animal weighing function
Piece counting function
Maximum value display
Mixed recipe weighing
Tolerance determination weight min / ok / max
A tare value can be saved
Adjustable automatic switch-off
Gross / Net key on the display
Optional: USB, LAN or 4-20 mA


Similar Part No. - PCE-SD2000SST

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SD2000 PCE-PCE-SD2000 Datasheet
161Kb / 2P
Pallet Scale PCE-SD 2000
More results

Similar Description - PCE-SD2000SST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
Low Power, Chip Scale 10-Bit SD/HD Video Encoder
10/06-Revision 0
logo
RFHIC
RRP2731080-39 RFHIC-RRP2731080-39 Datasheet
596Kb / 5P
Pulse Amp Pallet
RRP1214500-14 RFHIC-RRP1214500-14 Datasheet
691Kb / 6P
Pulse Amp Pallet
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
RFHIC
RRP56571K0-41 RFHIC-RRP56571K0-41 Datasheet
1Mb / 4P
Pulse Amp Pallet
RYP24200-20S RFHIC-RYP24200-20S Datasheet
490Kb / 7P
CW Pallet Amplifier
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com