Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL98 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUL98
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL98 Datasheet(HTML) 4 Page - STMicroelectronics

  BUL98 Datasheet HTML 1Page - STMicroelectronics BUL98 Datasheet HTML 2Page - STMicroelectronics BUL98 Datasheet HTML 3Page - STMicroelectronics BUL98 Datasheet HTML 4Page - STMicroelectronics BUL98 Datasheet HTML 5Page - STMicroelectronics BUL98 Datasheet HTML 6Page - STMicroelectronics BUL98 Datasheet HTML 7Page - STMicroelectronics BUL98 Datasheet HTML 8Page - STMicroelectronics BUL98 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
BUL98
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 800V
VCE = 800V Tj = 125°C
100
500
µA
µA
ICEO
Collector-emitter current
(IB =0)
VCE = 450V
100
µA
VCEO(sus)(1)
Collector-emitter
sustaining voltage (IB = 0)
IC =10mA
L = 25mH
450
V
VEBO
Emitter-base voltage
(IC = 0)
IE =10mA
9V
VCE(sat) (1) Collector-emitter
saturation voltage
IC =5A
_ _ IB =1A
IC =9A
_ _ IB =1.8A
IC =12A __ _ IB =2.4A
0.15
0.3
0.5
0.5
0.8
1.5
V
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC =5A
_ _ IB =1A
IC =9A
_ _ IB =1.8A
IC =12A __ _ IB =2.4A
0.95
1
1.1
1.2
1.3
1.4
V
V
V
hFE (1)
DC current gain
IC =10mA
VCE =5V
IC =5A
VCE =5V
10
15
35
ts
tf
Inductive load
Storage time
Fall time
VCL =350V
IC =9A
VBE(off) =-5V IB1 =1.8A
L =200
µH
RBB(off) =0Ω
(see figure 8)
1.1
55
1.8
100
µs
ns
ts
tf
Inductive load
Storage time
Fall time
VCL =350V
IC =9A
VBE(off) =-5V IB1 =1.8A
L =200
µH
RBB(off) =0Ω
Tj = 100°C (see figure 8)
1.5
80
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com