Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2V Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD835G2V
Description  Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD835G2V_07 Datasheet HTML 17Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 18Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 19Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 20Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 21Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 22Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 23Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 24Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
PSD835G2V
PSD architectural overview
21/118
2.8
In-application re-programming (IAP)
The primary Flash memory can also be programmed in-system by the MCU executing the
programming algorithms out of the secondary memory, or SRAM. Since this is a sizable
separate block, the application can also continue to operate. The secondary memory can be
programmed the same way by executing out of the primary Flash memory. The PLD or other
PSD Configuration blocks can be programmed through the JTAG port or a device
programmer. Table 4 indicates which programming methods can program different
functional blocks of the PSD.
2.9
Power management unit (PMU)
The Power Management Unit (PMU) gives the user control of the power consumption on
selected functional blocks based on system requirements. The PMU includes an Automatic
Power-down (APD) Unit that turns off device functions during MCU inactivity. The APD Unit
has a Power-down mode that helps reduce power consumption.
The PSD also has some bits that are configured at run-time by the MCU to reduce power
consumption of the CPLD. The Turbo bit in PMMR0 can be reset to 0 and the CPLD latches
its outputs and goes to sleep until the next transition on its inputs.
Additionally, bits in PMMR2 can be set by the MCU to block signals from entering the CPLD
to reduce power consumption. Please see Power management on page 84 for more details.
Table 4.
Methods of programming different functional blocks of the PSD
Functional Block
JTAG/ISP
Device Programmer
IAP
Primary Flash Memory
Yes
Yes
Yes
Secondary Flash Memory
Yes
Yes
Yes
PLD Array (DPLD and CPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com