Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SW5000N Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SW5000N
Description  Shipping Scale PCE-SW 5000N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SW5000N Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SW5000N Datasheet HTML 1Page - PCE Instruments. PCE-SW5000N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weighing range
5000 kg / 11023 lb (=5.5 T)
Resolution
2 kg
Accuracy
±8 kg
Tare range
Multiple tare across entire weighing range
Display
LCD with 25 mm / 1" digit height
Cable length to display ca. 4 m / 13 ft
Interface
Bi-directional RS-232
Calibration
Multi-point calibration possible
Power supply
6V battery installed in the display (BAT-6V-4.5Ah)
Housing
Scale: painted steel / Display: stainless steel
Protection
IP 54
Environment
0 ... +40 °C / +32 ... +104 °F / 10 ... 80% r.H.
Weight
ca. 80 kg /176 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com