Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPV360R8QJ-R Datasheet(PDF) 1 Page - MTRONPTI

Part # MPV360R8QJ-R
Description  9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MPV360R8QJ-R Datasheet(HTML) 1 Page - MTRONPTI

  MPV360R8QJ-R Datasheet HTML 1Page - MTRONPTI MPV360R8QJ-R Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MPV3 Series
9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
Revision: 11-21-06
Pin Connections
Versatile VCXO to 800 MHz with
good jitter (3 ps typical)
Used in low jitter clock synthesizers
and SONET applications
•
•


Similar Part No. - MPV360R8QJ-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MPV360R8QJ MTRONPTI-MPV360R8QJ Datasheet
259Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
More results

Similar Description - MPV360R8QJ-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3 MTRONPTI-MPV3 Datasheet
259Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3J MTRONPTI-MPV3J Datasheet
265Kb / 1P
9x14 mm, 3.3 Volt, PECL/LVDS, VCXO
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R_0611 MTRONPTI-M5R_0611 Datasheet
257Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M320X MTRONPTI-M320X_08 Datasheet
698Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
UVV MTRONPTI-UVV_07 Datasheet
493Kb / 2P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com