Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AQ5TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS3L02AQ5TR
Description  MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AQ5TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS3L02AQ5TR Datasheet HTML 7Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 8Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 9Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 10Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 11Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 12Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 13Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 14Page - STMicroelectronics LIS3L02AQ5TR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LIS3L02AQ5
5 Package Information
CD00059677
13/15
5
Package Information
Figure 4.
QFN-44 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.70
1.80
1.90
0.067
0.071
0.075
A1
0.19
0.21
0.007
0.008
b
0.20
0.25
0.30
0.008
0.01
0.012
D
7.0
0.276
E
7.0
0.276
e
0.50
0.020
J
5.04
5.24
0.198
0.206
K
5.04
5.24
0.198
0.206
L
0.38
0.48
0.58
0.015
0.019
0.023
P
45 REF
45 REF
QFN-44 (7x7x1.8mm)
Quad Flat Package No lead
G
M
M
DETAIL "N"
34
44
11
1
N
22
12
23
33
44
1
DETAIL G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com