Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 79Page - STMicroelectronics ST10F276_06 Datasheet HTML 80Page - STMicroelectronics ST10F276_06 Datasheet HTML 81Page - STMicroelectronics ST10F276_06 Datasheet HTML 82Page - STMicroelectronics ST10F276_06 Datasheet HTML 83Page - STMicroelectronics ST10F276_06 Datasheet HTML 84Page - STMicroelectronics ST10F276_06 Datasheet HTML 85Page - STMicroelectronics ST10F276_06 Datasheet HTML 86Page - STMicroelectronics ST10F276_06 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 229 page
background image
ST10F276
Capture / compare (CAPCOM) units
83/229
Table 43.
Compare modes
Compare
Modes
Function
Mode 0
Interrupt-only compare mode; several compare interrupts per timer period are
possible
Mode 1
Pin toggles on each compare match; several compare events per timer period are
possible
Mode 2
Interrupt-only compare mode; only one compare interrupt per timer period is
generated
Mode 3
Pin set ‘1’ on match; pin reset ‘0’ on compare time overflow; only one compare
event per timer period is generated
Double Register
Mode
Two registers operate on one pin; pin toggles on each compare match; several
compare events per timer period are possible.
Table 44.
CAPCOM timer input frequencies, resolutions and periods at 40 MHz
fCPU = 40 MHz
Timer Input Selection TxI
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler for
fCPU
8
16
32
64
128
256
512
1024
Input Frequency
5MHz
2.5MHz 1.25MHz 625 kHz
312.5
kHz
156.25
kHz
78.125
kHz
39.1
kHz
Resolution
200ns
400ns
0.8µs
1.6µs
3.2µs
6.4µs
12.8µs
25.6µs
Period
13.1ms
26.2ms
52.4ms
104.8
ms
209.7ms
419.4ms
838.9ms
1.678s
Table 45.
CAPCOM timer input frequencies, resolutions and periods at 64 MHz
fCPU = 64 MHz
Timer Input Selection TxI
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler for
fCPU
8
16
32
64
128
256
512
1024
Input Frequency
8MHz
4MHz
2MHz
1 kHz
500 kHz
250 kHz
128 kHz
64 kHz
Resolution
125ns
250ns
0.5µs
1.0µs
2.0µs
4.0µs
8.0µs
16.0µs
Period
8.2ms
16.4ms
32.8ms
65.5ms 131.1ms 262.1ms
524.3ms
1.049s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com