Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5T3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F276Z5T3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5T3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F276Z5T3 Datasheet HTML 17Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 18Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 19Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 229 page
background image
ST10F276
Pin data
21/229
EA / VSTBY
99
I
External access enable pin.
A low level applied to this pin during and after Reset forces the ST10F276 to
start the program from the external memory space. A high level forces
ST10F276 to start in the internal memory space. This pin is also used (when
Stand-by mode is entered, that is ST10F276 under reset and main VDD turned
off) to bias the 32 kHz oscillator amplifier circuit and to provide a reference
voltage for the low-power embedded voltage regulator which generates the
internal 1.8V supply for the RTC module (when not disabled) and to retain data
inside the Stand-by portion of the XRAM (16Kbyte).
It can range from 4.5 to 5.5V (6V for a reduced amount of time during the device
life, 4.0V when RTC and 32 kHz on-chip oscillator amplifier are turned off). In
running mode, this pin can be tied low during reset without affecting 32 kHz
oscillator, RTC and XRAM activities, since the presence of a stable VDD
guarantees the proper biasing of all those modules.
P0L.0 -P0L.7,
P0H.0
P0H.1 - P0H.7
100-107,
108,
111-117
I/O
Two 8-bit bidirectional I/O ports P0L and P0H, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. The input threshold of
Port 0 is selectable (TTL or CMOS).
In case of an external bus configuration, PORT0 serves as the address (A) and
as the address / data (AD) bus in multiplexed bus modes and as the data (D) bus
in demultiplexed bus modes.
Demultiplexed bus modes
Multiplexed bus modes
P1L.0 - P1L.7
P1H.0 - P1H.7
118-125
128-135
I/O
Two 8-bit bidirectional I/O ports P1L and P1H, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. PORT1 is used as the 16-
bit address bus (A) in demultiplexed bus modes: if at least BUSCONx is
configured such the demultiplexed mode is selected, the pis of PORT1 are not
available for general purpose I/O function. The input threshold of Port 1 is
selectable (TTL or CMOS).
The pins of P1L also serve as the additional (up to 8) analog input channels for
the A/D converter, where P1L.x equals ANy (Analog input channel y,
where y = x + 16). This additional function have higher priority on demultiplexed
bus function. The following PORT1 pins have alternate functions:
132
I
P1H.4
CC24IO
CAPCOM2: CC24 capture input
133
I
P1H.5
CC25IO
CAPCOM2: CC25 capture input
134
I
P1H.6
CC26IO
CAPCOM2: CC26 capture input
135
I
P1H.7
CC27IO
CAPCOM2: CC27 capture input
Table 1.
Pin description (continued)
Symbol
Pin
Type
Function
Data path width
8-bit
16-bi
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Data path width
8-bit
16-bi
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A
8 – A15
A
D8 - AD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com