Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS10000N Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CS10000N
Description  Hanging Scales PCE-CS 10000N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS10000N Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CS10000N Datasheet HTML 1Page - PCE Instruments. PCE-CS10000N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Maximum capacity
10000 kg / 22046 lbs ≈ 10 Tons
Minimum weight
100 kg / 220.5 lbs
Resolution
5 kg
Standard
OIML class III
Zero range
4 % full scale (FS)
Tare range
100 % FS
Settling time
≤ 10 seconds
Overload indication
100 % FS + 9e
Max. safety load
125 % FS
Ultimate load
400 % FS
Display
5-digit LCD/LED, 30 mm / 1.18" character height
Battery
6 V / 7 Ah fully-sealed lead-acid battery
Battery life
≥ 50 hours
Battery charger
9 V DC / 1000 mA
Remote control range 15 m / 49.2'
Remote control battery 2 x 1.5 V AAA batteries
Operating temperature -10 ... +40 °C / +14 ... +104 °F
Operating humidity
≤ 85 % RH under +20 °C / +68 °F
Dimensions
264 x 206 x 745 mm / 10.4 x 8.1 x 29.4"
Weight
30 kg / 66.2 lbs
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com