Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS1T Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CS1T
Description  Force Gage PCE-CS 1T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS1T Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CS1T Datasheet HTML 1Page - PCE Instruments. PCE-CS1T Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 1000 kg / 2204 lb
Resolution
0.1 kg / 0.22 lb
Accuracy
1 % of the measuring range
Units
kg, lb, N
Functions
"Hold", "Tare", "MAX"
Digit height
30 mm / 1.18"
Shackle opening
20 mm / 0.78"
Hook opening
38 mm / 1.49"
Display
LC display with backlight
Power supply
3 x 1.5 V AA batteries
Operating conditions  5 ... 35 °C / 41 ... 95 °F, <90 % RH, non-condensing
Dimensions
130 x 260 x 60 mm / 5.1 x 10.2 x 2.3"
Weight
1320 g / 46.5 oz
More information
Manual
CE Certificate
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com