Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS300 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CS300
Description  Dynamometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS300 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CS300 Datasheet HTML 1Page - PCE Instruments. PCE-CS300 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
© PCE Instruments
PCE-CS 300 dynamometer
hanging hook / shackle / remote control
PCE-CS 300 is a digital, battery-powered dynamometer for indoor use. The rugged design of
the dynamometer accommodates applications in rough industrial conditions as well as in
fields such as food and hygiene. A stainless-steel, carabiner-style shackle, a zinc-coated hook,
and an infrared remote control are included with the dynamometer, as are six 1.5 V AA
batteries.
•
Battery-powered
•
Rugged design
•
Stainless-steel, carabiner-style shackle
•
Zinc-coated hook
•
Infrared remote control
Technical specifications
Weighing capacity
300 kg / 661.39 lb
Readability
Selectable: 0.1 … 0.05 kg / 0.22 … 0.11 lb
Repeatability
0.1 kg / 0.22 lb
Min. weight
2 kg / 4.41 lbs
TARE
full range
Protection
IP 54 (dust and splashproof)
Settling time
<10 s
Max. overload
50%
Display
20 mm LCD
Power supply
four batteries of size ‘AA’
General information:
Operating temperature
-10°C … +40°C
Operating humidity
30% … 90%
Weight
1.2 kg / 2.65 lbs incl. batteries
Delivery contents
1 x PCE-CS-300 dynamometer
6 x 1.5 V AA batteries
1 x infrared remote control
1 x stainless-steel, carabiner-style shackle
1 x zinc-coated hook
1 x user manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com