Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS3000N Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CS3000N
Description  Technical Crane Scale PCE-CS 3000N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS3000N Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CS3000N Datasheet HTML 1Page - PCE Instruments. PCE-CS3000N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Crane Scale PCE-CS 3000N
PCE-CS 3000N is a digital, battery-powered, heavy-duty Crane Scale that displays measurement values
in kilograms (kg) or pounds (lbs). The scale comes factory calibrated and includes a hook, shackle and
remote control. For an additional fee, the scale can be calibrated according to ISO standards.
-
Displays measurement values in kilograms (kg) or pounds (lbs)
-
Comes factory calibrated (see accessories for optional ISO calibration)
-
Includes hook, shackle and remote control
-
Features zero, tare, hold, sum, power-saving automatic shutdown and timed backlighting
functions
Technical specifications
Maximum weighing capacity
3 t / 3000 kg / 6613 lbs
Resolution
0.5 kg / 1.1 lbs
Tare range
100 % full scale
Zero range
4 % full scale
Settling time
≥ 2 seconds
Units of weight
kg / lbs
Overload
100 % full scale + 9 verification scale
interval
Limit load
150 %
Display
2.2 cm x 1.1 cm / 0.87 in x 0.43 in
in HTN LCD with backlight
Power supply
3 x 1.5 V AAA batteries
Operating conditions
-10° C ... +40° C / +14° F ... +104° F
≤ 90 % RH
Weight (approx)
14.3 kg / 31.53 lbs
Dimensions
See diagram below


Similar Part No. - PCE-CS3000N

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CS300 PCE-PCE-CS300 Datasheet
218Kb / 2P
Dynamometer
PCE-CS300LD PCE-PCE-CS300LD Datasheet
760Kb / 2P
Crane Scale PCE-CS 300LD
PCE-CS300LD-ICA PCE-PCE-CS300LD-ICA Datasheet
880Kb / 2P
Force Gage PCE-CS 300LD-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-CS3000N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOC-3000 ETC2-SOC-3000 Datasheet
1Mb / 98P
Scale-On-Chip ASIC Technical Specification Rev.B1
SOC-4000 ETC2-SOC-4000 Datasheet
1,017Kb / 97P
Scale-On-Chip ASIC Technical Specification
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
logo
Lapp.
0044008 LAPP-0044008 Datasheet
65Kb / 1P
OLFLEX® CRANE VS (N)SHTOU
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com