Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CS5000N Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CS5000N
Description  Hanging Scales PCE-CS 5000N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS5000N Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CS5000N Datasheet HTML 1Page - PCE Instruments. PCE-CS5000N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Maximum weighing capacity
5000 kg / 11023 lbs ≈ 5 Tons
Resolution
1 kg / 2.2 lbs
Measurement uncertainty
± 4 kg / ± 8.8 lbs
Tare range
100 % full scale
Zero range
4 % full scale
Settling time
≥ 2 seconds
Units of weight
kg / lbs
Overload
100 % full scale + 9 verification scale interval
Limit load
150 %
Display
2.2 cm x 1.1 cm / 0.87 in x 0.43 in
HTN LCD with backlight
Power supply
3 x 1.5 V AAA batteries
Operating conditions
-10° C ... +40° C / +14° F ... +104° F
≤ 90 % RH
Weight (approx.)
14.5 kg / 32 lbs
Dimensions
See diagram below
[zoom]
A: 68 mm / 2.67 in
B: 112 mm / 4.40 in
C: 36 mm / 1.42 in
L: 450 mm / 17.72 in
More information
Manual
Diagram
Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com