Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5001H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF5001H
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF5001H Datasheet HTML 9Page - NXP Semiconductors PCF5001H Datasheet HTML 10Page - NXP Semiconductors PCF5001H Datasheet HTML 11Page - NXP Semiconductors PCF5001H Datasheet HTML 12Page - NXP Semiconductors PCF5001H Datasheet HTML 13Page - NXP Semiconductors PCF5001H Datasheet HTML 14Page - NXP Semiconductors PCF5001H Datasheet HTML 15Page - NXP Semiconductors PCF5001H Datasheet HTML 16Page - NXP Semiconductors PCF5001H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1997 Mar 04
13
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
This is carried out for the duration of 3 batches in
power-on mode or 1 batch (=preamble duration) in
preamble receive mode. Error correction algorithms are
applied to the data before it is compared with preamble
and synchronization codeword patterns.
The synchronization process is terminated and thus
data receive mode is entered as soon as synchronization
codewords are seen at the beginning of each batch.
The decoder handles loss of synchronization in three
steps:
1. If the decoder fails to detect the synchronization
pattern at the beginning of the current batch it
continues data reception as normal. This data fail
mode is signalled in the message output when an
address codeword was received, as shown in Table 4.
2. If also at the beginning of the next batch no
synchronization codeword can be detected, the
algorithm assumes a small bit shift in the
fade recovery mode and performs more
synchronization codeword checks around the
expected position for the following 15 batches. Call
reception is suspended.
3. If it fails to re-synchronize in the ‘fade recovery’ mode,
the carrier off mode is selected, in which the decoder
attempts to regain synchronization by bit-wise shifting
its synchronization scan window. Using this technique
re-synchronization is obtained within a continuous
data stream of at least 18 batches without preamble
detection.
In ‘data receive’ mode, the input data stream is sampled at
the synchronization codeword position and the
programmed frame positions. The received codewords are
error corrected and then, if address codewords, compared
with the stored user addresses related to that frame.
On detection of a valid call, the decoder performs the
following three operations:
1. Set a store for call alert cadence generation according
to the combination of the function bits in the accepted
address codeword. The call alert cadence will not be
generated before the call has been terminated.
2. Keep the receiver enable output (RE) active and
receive subsequent message codewords, until any of
the call termination criteria are fulfilled.
3. Trigger the serial message transfer by sending a start
condition and transfer deformatted message
codewords as attached to the address codeword via
the serial microcontroller interface to an external
microcontroller, followed by a stop condition.
Normally call termination is assumed, when a valid idle or
address codeword is received. On reception of
uncorrectable codewords, call termination takes place in
accordance with conditions shown in Table 2.
Table 2
Call termination on error
Note
1. X = don’t care.
SPF12
SPF13
CALL TERMINATION EVENT
0X(1)
Any two consecutive codewords or the codeword directly following the address
codeword uncorrectable.
1
0
Any single codeword uncorrectable.
1
1
Any two consecutive codewords uncorrectable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com