Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF50732H Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF50732H
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732H Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF50732H Datasheet HTML 38Page - NXP Semiconductors PCF50732H Datasheet HTML 39Page - NXP Semiconductors PCF50732H Datasheet HTML 40Page - NXP Semiconductors PCF50732H Datasheet HTML 41Page - NXP Semiconductors PCF50732H Datasheet HTML 42Page - NXP Semiconductors PCF50732H Datasheet HTML 43Page - NXP Semiconductors PCF50732H Datasheet HTML 44Page - NXP Semiconductors PCF50732H Datasheet HTML 45Page - NXP Semiconductors PCF50732H Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
1999 May 03
42
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
13.3.12 STF INSTRUCTION
The STF (Set/clear flag) instruction is used to set or clear the user flags A, B or C. System flags cannot be set or reset
under program control.
Table 45 STF instruction
13.3.13 IDX INSTRUCTION
The IDX (Index operations) instruction is used to store and increment/decrement index values. It should be noted that
additions to the index register is done in modulo 64. A ‘decrement index register by one’ could therefore be programmed
as ‘IDX + 63’. The ‘IDX A’ instruction loads the 6 bits to the left of the binary point into the index register, i.e. it stores the
integer part modulo 64 into I.
Table 46 IDX instruction
13.4
The assembler/emulator
A 2-pass assembler and an emulator was made to assist with the development of VSP programs. The software programs
are written in ‘C’ and currently run under NT, HPUX and LINUX operating systems. The assembler reads assembler
source files and produces a log file, sets of VHDL or Verilog stimuli and an output file containing CSI instructions that,
when loaded, will load the executable into the VSP RAM.
Requirements for the assembler source code are:
• One instruction or pseudo instruction (see Table 47) per line
• No empty lines
• A maximum of 512 instructions
• Operation always starts at instruction 0.
Table 47 Assembler pseudo instructions
15
14
13
12
11
10
987654321
0
OPERATION
ASSEMBLER
1
1
0
0
flag
XXXXXXXX
value
<value>
→ <f.l.> STF <f.l.> <value>
15
14
13
12
11
10
9876543210
OPERATION
ASSEMBLER
1
1
0
1
0
0
0
X
X
X
value
<value>
→ I
IDX = <value>
1
1
0
1
0
0
1
X
X
X
value
I + <value>
→ I
IDX + <value>
1
1
0
1
1
0
0
XXXXXXXXX A
→ I
IDX A
MNEMONIC
INSTRUCTION
DEFINITION
. label
{<.>< ><label>}
Defines a location inside the source code. Is usually used as
an argument to JMF/JSF instructions.
define
{<define>< ><label> < ><value>
Defines a variable and assigns a value to it. These variables
can then be referenced in the assembler instructions.
include
{<include>< ><file name>}
Reads in another source code file and then continues with the
current file.
--
{<-->< ><comment>
Defines a comment; the rest of the line is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com