Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5077T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF5077T Datasheet HTML 1Page - NXP Semiconductors PCF5077T Datasheet HTML 2Page - NXP Semiconductors PCF5077T Datasheet HTML 3Page - NXP Semiconductors PCF5077T Datasheet HTML 4Page - NXP Semiconductors PCF5077T Datasheet HTML 5Page - NXP Semiconductors PCF5077T Datasheet HTML 6Page - NXP Semiconductors PCF5077T Datasheet HTML 7Page - NXP Semiconductors PCF5077T Datasheet HTML 8Page - NXP Semiconductors PCF5077T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Nov 19
3
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
DAC8
DAC6
SC-ADDER
SLOPE GENERATOR
−0.8
−0.33
+0.33
100
mV
POWER LEVEL REGISTER 8-bit
VKICK REGISTER
6-bit
VHOME REGISTER
6
+ 2-bit
LIMITER REGISTER
2-bit
DF0/1, DC, DR0/1, TEST
SERIAL BUS INTERFACE
DF
STROBE
VDDA1
VDDD
CLK
DATA
VSSD
VDDA2
2
9
10
11
12
13
3
16
6
DACA
DACA
KICKA
QRSA
KICKA
QRSA
VS
BVS
RF input
(sensor)
1
4
15
14
C5
19.2 pF
C2
VINT(N)
V
INT(O)
C1
voltage
control for
RF power module
R3
R10
4.2 k
Ω
R2
1 k
Ω
R1
D1
3.5 k
Ω
COMPARATOR
30
µA
BAND GAP
HPA
+ DC
R9
2.8 k
Ω
R4
8.4 k
Ω
R5
5
k
Ω
HPA
+ DC
R8
2.8 k
Ω
HPA
MGK910
VSSA
Vref
Vref
Vref
Ibias
6
8
ANALOG
FILTER
DR0
DR1
C6
4.8 pF
C4
10 pF
OP4
OP1
Vref
Vref
VDDA1
VD1
RF-ZERO
+ DC
PCF5077T
1/6
CONTROL
CLK13
TRIG
PD
8
5
7
INPUT BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com