Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33580 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC33580
Description  Quad High-Side Switch (Quad 15 m??
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33580 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC33580 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33580 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33580
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
OPEN LOAD FAULT (NON-LATCHING)
The 33580 incorporates open load detection circuitry on
the output. Output open load fault (OLF) is detected and
reported as a fault condition when the output is disabled
(OFF). The open load fault is detected and latched into the
status register after the internal gate voltage is pulled low
enough to turn OFF the output. The OLF fault bit is set in the
status register. If the open load fault is removed, the status
register will be cleared after reading the register.
The open load protection can be disabled through SPI (bit
OL_DIS).
It is recommended to disable the open load
detection circuitry in case of permanent disconnected
load.
REVERSE BATTERY
The output survives the application of reverse voltage as
low as -16 V. Under these conditions, the output’s gate is
enhanced to keep the junction temperature less than 150°C.
The ON resistance of the output is fairly similar to that in the
Normal mode. No additional passive components are
required except on VDD.
GROUND DISCONNECT PROTECTION
In the event the 33580 ground is disconnected from load
ground, the device protects itself and safely turns OFF the
output regardless of the state of the output at the time of
disconnection. A 10K resistor needs to be added between the
wake pin and the rest of the circuitry in order to ensure that
the device turns off in case of ground disconnect and to
prevent this pin to exceed its maximum ratings.
Current limit resistors in the digital input lines protect the
digital supply against excessive current (1 kohm typical).
Table 7. Device Behavior in Case of Undervoltage
Quad High-Side
Switch
(VPWR Battery
Voltage)
∗∗
State
UV Enable
IN[0:3]=0
(Falling VPWR)
UV Enable
IN[0:3]=0
(Falling or
Rising VPWR)
UV Enable
IN_x***=1
(Falling VPWR)
UV Enable
IN_x***=1
(Rising VPWR)
UV Disable
IN[0:3]=0
(Falling or
Rising VPWR)
UV Disable
IN_x***=1
(Falling or
Rising VPWR)
VPWR > VPWRUV Output State
OFF
OFF
ON
OFF
OFF
ON
FS State
1
1
1
0
1
1
SPI Fault Register
UVF Bit
0
1 until next read
0
1
0 (falling)
1 until next read
(rising)
0 (falling)
1 until next read
(rising)
VPWRUV > VPWR
> UVPOR
Output State
OFF
OFF
OFF
OFF
OFF
ON
FS State
0
0
0
0
1
1
SPI Fault Register
UVF Bit
1
1
1
1
1
1
UVPOR > VPWR >
2.5 V
∗
Output State
OFF
OFF
OFF
OFF
OFF
ON
FS State
1
1
1
1
1
1
SPI Fault Register
UVF Bit
1 until next read
1
1 until next read 1 until next read 1 until next read 1 until next read
2.5 V > VPWR > 0V Output State
OFF
OFF
OFF
OFF
OFF
OFF
FS State
1
1
1
1
1
1
SPI Fault Register
UVF Bit
1 until next read 1 until next read 1 until next read 1 until next read 1 until next read 1 until next read
Comments
UV fault is
not latched
UV fault is
not latched
UV fault
is latched
∗ = Typical value; not guaranteed.
∗∗ = While VDD remains within specified range.
∗∗∗ = IN_x is equivalent to IN_x direct input or IN_spi_s SPI input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com