Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C00B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF84C00B
Description  8-bit microcontroller with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF84C00B Datasheet HTML 2Page - NXP Semiconductors PCF84C00B Datasheet HTML 3Page - NXP Semiconductors PCF84C00B Datasheet HTML 4Page - NXP Semiconductors PCF84C00B Datasheet HTML 5Page - NXP Semiconductors PCF84C00B Datasheet HTML 6Page - NXP Semiconductors PCF84C00B Datasheet HTML 7Page - NXP Semiconductors PCF84C00B Datasheet HTML 8Page - NXP Semiconductors PCF84C00B Datasheet HTML 9Page - NXP Semiconductors PCF84C00B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1996 Nov 25
6
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
Table 2
PCF84C00T (see Fig.5)
SYMBOL
PIN
TYPE
DESCRIPTION
P2.2
1
I/O
1 bit of Port 2: 4-bit quasi-bidirectional I/O port
SDA/P2.3
2
I/O
bidirectional data line of the I2C-bus interface; or 1 bit of Port 2: 4-bit
quasi-bidirectional I/O port
SCLK
3
I/O
bidirectional clock line of the I2C-bus interface
P0.0 to P0.1
4, 5
I/O
2 bits of Port 0: 8-bit quasi-bidirectional I/O port
DXALE
6
O
Address latch enable: on the falling edge of DXALE, the Dx address can be
latched in an external latch. This signal occurs only during execution of the
MOV Dx, A, MOV A, Dx, ANL Dx, A and ORL Dx, A instructions, with
x = 0 to 255. It is active during TS10 of cycle 1 and the first half of TS1 of
cycle 2.
n.c.
7
−
not connected
P0.2 to P0.7
8 to 13
I/O
6 bits of Port 0: 8-bit quasi-bidirectional I/O port
INT/T0
14
I
Interrupt/Test 0: external interrupt input (negative edge triggered)/test input
pin. When used as a test input, this pin is directly tested by conditional branch
instructions JT0 and JNT0; note 1.
T1
15
I
Test 1: test input pin, directly tested by conditional branch instructions JT1 and
JNT1. T1 may also be selected as an input to the 8-bit timer/event counter via
the STRT CNT instruction.
D0 to D2
16 to 18
I/O
3 bits of 8-bit data bus: for external memory and peripherals. The specified
Stop mode supply current is valid only if external pull-ups are connected to all
data lines.
A12
19
O
1 bit of 13-bit address bus: for external memory and peripherals
DXWR
20
O
Write strobe (active LOW): on the rising edge, data on D0-D7 may be written
to external registers. This signal occurs only during MOV Dx, A, ANL Dx, A
and ORL Dx, A instructions, with x = 0 to 255. It is active during TS7 of
cycle 2.
n.c.
21
−
not connected
A11 to A6
22 to 27
O
6 bits of 13-bit address bus: for external memory and peripherals
VSS
28
P
ground: circuit earth potential
A5 to A0
29 to 34
O
6 bits of 13-bit address bus: for external memory and peripherals
DXRD
35
O
Read strobe (active LOW): when this signal is active, external registers
emulating Dx registers can be read by the data bus. This signal occurs only
during execution of MOV A, Dx, ANL Dx, A and ORL Dx, A instructions, with
x=0to 255. It is active during TS3 and TS4 of cycle 2.
D3 to D7
36 to 40
I/O
5 bits of 8-bit data bus: for external memory and peripherals. The specified
Stop mode supply current is valid only if external pull-ups are connected to all
data lines.
PSEN
41
O
Program store enable (active LOW): PSEN is used to enable external
program memory and is active during TS9 and TS10 of each machine cycle
and TS1 of each following cycle. PSEN is HIGH during the Stop mode.
XTAL1
42
I
oscillator input: input from a crystal which determines the internal oscillator
frequency or an external clock generator
XTAL2
43
I/O
oscillator output: output of the inverting amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com