Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C41A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF84C41A
Description  Telecom microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C41A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF84C41A Datasheet HTML 1Page - NXP Semiconductors PCF84C41A Datasheet HTML 2Page - NXP Semiconductors PCF84C41A Datasheet HTML 3Page - NXP Semiconductors PCF84C41A Datasheet HTML 4Page - NXP Semiconductors PCF84C41A Datasheet HTML 5Page - NXP Semiconductors PCF84C41A Datasheet HTML 6Page - NXP Semiconductors PCF84C41A Datasheet HTML 7Page - NXP Semiconductors PCF84C41A Datasheet HTML 8Page - NXP Semiconductors PCF84C41A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1996 Nov 20
3
Philips Semiconductors
Product specification
Telecom microcontrollers
PCF84C21A; PCF84C41A;
PCF84C81A
1
FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, ROM, RAM, I/O in a 28-lead package
• 2 kbyte ROM, 64 byte RAM (PCF84C21A)
• 4 kbyte ROM, 128 byte RAM (PCF84C41A)
• 8 kbyte ROM, 256 byte RAM (PCF84C81A)
• I2C-bus interface with multi-master capability
• Over 100 instructions (based on MAB8048) all of
1 or 2 cycles
• 20 quasi-bidirectional I/O Port lines
• High sink current capability on the 8 lines of Port 1
• 8-bit programmable timer/event counter 1
• 3 single-level vectored interrupts:
– external
– 8-bit programmable timer/event counter 1
–I2C-bus
• Two test inputs, one of which also serves as the external
interrupt input
• Stop and Idle modes
• Supply voltage: 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCF84C21A, PCF84C41A and PCF84C81A. The shared
properties of the PCF84CxxxA family of microcontrollers
are described in the
“PCF84CxxxA family” data sheet
which should be read in conjunction with this publication.
The PCF84C21A, PCF84C41A and PCF84C81A are
general purpose CMOS microcontrollers with 2 kbytes,
4 kbytes and 8 kbytes of program memory and 64,128 and
256 bytes of RAM, respectively. In addition to 20 I/O port
lines, the microcontrollers provide an on-chip I2C-bus
interface. This two-line serial bus extends the
microcontroller capabilities when implemented with the
powerful I2C-bus peripherals. These include LCD drivers,
I/O expanders, telecom circuits, ADC and DAC converters,
clock/calendar circuits, EEPROM and RAM and are listed
in
“Data Handbook IC12, I2C Peripherals”.
The instruction set is based on that of the MAB8048 and
is a sub-set of that listed in the
“PCF84CxxxA family” data
sheet.
3
ORDERING INFORMATION (see note 1)
Note
1. Please refer to the Order Entry Form (OEF) for these devices for the full type number to use when ordering. This type
number will also specify the required program and the ROM mask options.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF84C21AP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCF84C41AP
PCF84C81AP
PCF84C21AT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCF84C41AT
PCF84C81AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com